Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBKA Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 70 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 66Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 67Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 68Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 69Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 70Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 71Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 72Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 73Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 175 page
background image
8.12.5.15.3 ADC Electrical Characteristics Over Recommended Operating Conditions
(Unless Otherwise Noted)—DC Specifications
PARAMETER(1)
MIN
TYP
MAX
UNIT
Resolution
12
Bits
ADC clock(2)
1
kHz
25
MHz
ACCURACY
INL (Integral nonlinearity)(3)
1–18.75 MHz ADC clock
±1.5
LSB
DNL (Differential nonlinearity)(3)
1–18.75 MHz ADC clock
±1
LSB
Offset error(4)
–80
80
LSB
Overall gain error with internal reference(5)
–200
200
LSB
Overall gain error with external reference(6)
If ADCREFP – ADCREFM = 1 V ± 0.1%
–50
50
LSB
Channel-to-channel offset variation
±8
LSB
Channel-to-channel Gain variation
±8
LSB
ANALOG INPUT
Analog input voltage (ADCINx to ADCLO)(7)
0
3
V
ADCLO
–5
0
5
mV
Input capacitance
10
pF
Input leakage current
3
±5
µA
INTERNAL VOLTAGE REFERENCE (5)
Accuracy, ADCVREFP
1.9
2
2.1
V
Accuracy, ADCVREFM
0.95
1
1.05
V
Voltage difference, ADCREFP – ADCREFM
1
V
Temperature coefficient
50
PPM/°C
Reference noise
100
µV
EXTERNAL VOLTAGE REFERENCE (6)
Accuracy, ADCVREFP
1.9
2
2.1
V
Accuracy, ADCVREFM
0.95
1
1.05
V
Input voltage difference, ADCREFP – ADCREFM
0.99
1
1.01
V
(1)
Tested at 12.5-MHz ADCCLK.
(2)
If SYSCLKOUT ≤ 25 MHz, ADC clock ≤ SYSCLKOUT/2.
(3)
The INL degrades for frequencies beyond 18.75 MHz–25 MHz. Applications that require these sampling rates should use a 20K
resistor as bias resistor on the ADCRESEXT pin. This improves overall linearity and typical current drawn by the ADC will be a few mA
more than 24.9-kΩ bias.
(4)
1 LSB has the weighted value of 3.0/4096 = 0.732 mV.
(5)
A single internal band gap reference (±5% accuracy) sources both ADCREFP and ADCREFM signals, and hence, these voltages track
together. The ADC converter uses the difference between these two as its reference. The total gain error will be the combination of the
gain error shown here and the voltage reference accuracy (ADCREFP – ADCREFM). A software-based calibration procedure is
recommended for better accuracy. See the F2810, F2811, and F2812 ADC Calibration Application Report and Section 11.4 for relevant
documents.
(6)
In this mode, the accuracy of external reference is critical for overall gain. The voltage difference (ADCREFP – ADCREFM) will
determine the overall accuracy.
(7)
Voltages above VDDA + 0.3 V or below VSS – 0.3 V applied to an analog input pin may temporarily affect the conversion of another pin.
To avoid this, the analog inputs should be kept within these limits.
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
70
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com