Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBKA Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  TMS320F281x Digital Signal Processors
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 37Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 38Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 39Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 40Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 41Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 42Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 43Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 44Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 175 page
background image
8.12.5.3 Event Manager Interface
8.12.5.3.1 PWM Timing
PWM refers to all PWM outputs on EVA and EVB.
8.12.5.3.1.1 PWM Switching Characteristics
PARAMETER(1) (2)
TEST CONDITIONS
MIN
MAX
UNIT
tw(PWM) (3)
Pulse duration, PWMx output high/low
25
ns
td(PWM)XCO
Delay time, XCLKOUT high to PWMx
output switching
XCLKOUT = SYSCLKOUT/4
10
ns
(1)
See the GPIO output timing for fall/rise times for PWM pins.
(2)
PWM pin toggling frequency is limited by the GPIO output buffer switching frequency (20 MHz).
(3)
PWM outputs may be 100%, 0%, or increments of tc(HCO) with respect to the PWM period.
8.12.5.3.1.2 Timer and Capture Unit Timing Requirements
MIN MAX(2) (1)
UNIT
tw(TDIR)
Pulse duration, TDIRx low/high
Without input qualifier
2tc(SCO)
cycles
With input qualifier
1tc(SCO) + IQT(3)
tw(CAP)
Pulse duration, CAPx input low/high
Without input qualifier
2tc(SCO)
cycles
With input qualifier
1tc(SCO) + IQT(3)
tw(TCLKINL)
Pulse duration, TCLKINx low as a percentage of TCLKINx cycle time
40
60
%
tw(TCLKINH)
Pulse duration, TCLKINx high as a percentage of TCLKINx cycle time
40
60
%
tc(TCLKIN)
Cycle time, TCLKINx
4tc(HCO)
ns
(1)
The QUALPRD bit field value can range from 0 (no qualification) through 0xFF (510 SYSCLKOUT cycles). The qualification sampling
period is 2n SYSCLKOUT cycles, where “n” is the value stored in the QUALPRD bit field. As an example, when QUALPRD = 1, the
qualification sampling period is 1 × 2 = 2 SYSCLKOUT cycles (that is, the input is sampled every 2 SYSCLKOUT cycles). Six such
samples will be taken over five sampling windows, each window being 2n SYSCLKOUT cycles. For QUALPRD = 1, the minimum width
that is needed is 5 × 2 = 10 SYSCLKOUT cycles. However, since the external signal is driven asynchronously, a 11-SYSCLKOUT-wide
pulse ensures reliable recognition.
(2)
Maximum input frequency to the QEP = min[HSPCLK/2, 20 MHz]
(3)
Input Qualification Time (IQT) = [tc(SCO) × 2 × QUALPRD] × 5 + [tc(SCO) × 2 × QUALPRD].
t
d(PWM)XCO
PWMx
XCLKOUT
(A)
t
w(PWM)
A. XCLKOUT = SYSCLKOUT
Figure 8-15. PWM Output Timing
XCLKOUT
(A)
TDIRx
t
w(TDIR)
A. XCLKOUT = SYSCLKOUT
Figure 8-16. TDIRx Timing
www.ti.com
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com