Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FXB0XT-EST Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP47FXB0XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB0XT-EST Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP47FXB0XT-EST Datasheet HTML 58Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 59Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 60Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 61Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 62Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 63Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 64Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 65Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 62
 2020 Microchip Technology Inc.
Register 4-5 shows the format of the nonvolatile Gain
Control register. Each DAC has one bit to control the
gain of the DAC.
REGISTER 4-5:
GAIN CONTROL AND I2C SLAVE ADDRESS REGISTER
ADDRESS 1Ah (NONVOLATILE)
R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n
R
R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n R/W-n
Octal
G7
G6
G5
G4
G3
G2
G1
G0
ADLCK ADD6 ADD5 ADD4 ADD3 ADD2 ADD1 ADD0
Quad
—(1)
—(1)
—(1)
—(1)
G3
G2
G1
G0
ADLCK ADD6 ADD5 ADD4 ADD3 ADD2 ADD1 ADD0
bit 15
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
= Quad-channel device
= Octal-channel device
Octal
Quad
—
bit 15-12 Unimplemented: Read as ‘0’
bit 15-8
bit 11-8
Gn: DACn Output Driver Gain Control bits
1 = 2x Gain
0 = 1x Gain
bit 7
bit 7
ADLCK: I2C Address Lock Status bit (reflects the state of the high-voltage SALCK bit).
1 = I2C Slave Address is Locked (requires HV command to disable, so I2C address can be
changed)
0 = I2C Slave Address is NOT Locked, the nonvolatile I2C Slave Address can be changed
bit 6-0
bit 6-0
ADD6-ADD0: I2C 7-bit Slave Address bits.
For nonvolatile devices, the ADD6-ADD2 bits form the upper five bits of the I2C address and
can be user-modified.
For volatile devices, the upper five bits of the I2C address are fixed at '0b11000' and cannot be
changed by the user. Other values could be available on demand, contact a sales representa-
tive for more information.
The lower two bits are determined by the state of the A0 and A1 pins. A VIH level corresponds
to a bit value of '1', while a VIL level to a '0'. Leaving the pins unconnected is the equivalent of a
'0' bit value.
Note 1:
Unimplemented bit, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com