Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FXB0XT-EST Datasheet(PDF) 80 Page - Microchip Technology

Part # MCP47FXB0XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB0XT-EST Datasheet(HTML) 80 Page - Microchip Technology

Back Button MCP47FXB0XT-EST Datasheet HTML 76Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 77Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 78Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 79Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 80Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 81Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 82Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 83Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 80
 2020 Microchip Technology Inc.
7.1
Write Command
(Normal and High-Voltage)
WRITE commands are used to transfer data to the
desired memory location (from the host controller). The
WRITE command can be issued to both volatile and
nonvolatile memory locations.
WRITE commands can be structured as either single or
continuous. The continuous format allows the fastest
data update rate for the device’s memory locations, but
it is not supported for nonvolatile memory locations.
The format of the command is shown in Figure 7-1
(single)
and
Figure 7-3
(continuous).
For
the
ACK/NACK behavior, see Figure 7-2.
A WRITE command to a volatile memory location
changes that location after a properly formatted WRITE
command and the A/A clock has been received.
A WRITE command to a nonvolatile memory location
starts an EEPROM write cycle only after a properly for-
matted WRITE command has been received and the
Stop condition has occurred.
7.1.1
SINGLE WRITE TO VOLATILE
MEMORY
For volatile memory locations, data are written to the
MCP47FXBX4/8 after every data word transfer (during
the Acknowledge). If a Stop or Restart condition is
generated during a data transfer (before the A), the
data will not be written to the MCP47FXBX4/8. After the
A bit, the master can initiate the next sequence with a
Stop or Restart condition.
Refer to Figure 7-1 for the byte write sequence.
7.1.2
SINGLE WRITE TO NONVOLATILE
MEMORY
The sequence to write to a single nonvolatile memory
location is the same as a single write to a volatile
memory with the exception that the EEPROM write
cycle (tWC) is started after a properly formatted
command, including the Stop bit, if received. After the
Stop condition occurs, the serial interface may
immediately be re-enabled by initiating a Start
condition.
During an EEPROM write cycle, access to the volatile
memory is allowed when using the appropriate com-
mand sequence. Commands that address nonvolatile
memory are ignored until the EEPROM write cycle (twc)
completes. This allows the host controller to operate on
the volatile DAC registers.
Figure 7-1 shows the command format for a single
write to volatile or nonvolatile memory location.
7.1.3
CONTINUOUS WRITES TO
VOLATILE MEMORY
A Continuous Write mode of operation is possible when
writing to the device’s volatile memory registers (see
Table 7-2). This Continuous Write mode allows writes
without a Stop or Restart condition or repeated trans-
missions of the I2C Control Byte. Figure 7-3 shows the
sequence for three continuous writes. The writes do not
need to be to the same volatile memory address. The
sequence ends with the Master sending a Stop or
Restart condition.
7.1.4
CONTINUOUS WRITES TO
NONVOLATILE MEMORY
If a continuous write is attempted on a nonvolatile
memory, the missing Stop condition will cause the
command to be an error condition (A). A Start bit is
required to reset the command state machine.
7.1.5
HIGH-VOLTAGE COMMAND (HVC)
SIGNAL
The High-Voltage command (HVC) signal is used to
indicate that the command or sequence of commands
are in the high-voltage operational state. HVC
commands allow the device’s WiperLock Technology
and write protect features to be enabled and disabled.
Note 1: Writes to certain memory locations
depend on the state of the WiperLock™
Technology status bits.
2: During device communication, if the
device address/command combination is
invalid or an unimplemented device
address is specified, the MCP47FXBX4/8
will NACK that byte. To reset the I2C state
machine, the I2C communication must
detect a Start bit.
Note:
The EEWA status bit indicates if an
EEPROM write cycle is active (see
Register 4-4).
TABLE 7-2:
VOLATILE MEMORY
ADDRESSES
Address
Quad-Channel
Octal-Channel
00h-03h
Yes
Yes
04h-07h
No
Yes
08h
Yes
Yes
09h
Yes
Yes
0Ah
Yes
Yes
Note:
Writes to a volatile DAC register will not
transfer to the output register until the LAT
(HVC) pin is transitioned from the VIHHEN
voltage to a VIL voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com