Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FXB0XT-EST Datasheet(PDF) 83 Page - Microchip Technology

Part # MCP47FXB0XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB0XT-EST Datasheet(HTML) 83 Page - Microchip Technology

Back Button MCP47FXB0XT-EST Datasheet HTML 79Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 80Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 81Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 82Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 83Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 84Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 85Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 86Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 83
MCP47FXBX4/8
7.2
READ Command
(Normal and High-Voltage)
READ commands are used to transfer data from the
specified memory location to the host controller. The
READ command can be issued to both volatile and
nonvolatile memory locations.
During an EEPROM write cycle (write to nonvolatile
memory location or Enable/Disable Configuration Bit
command) the READ command can only read the vola-
tile memory locations. By reading the STATUS register
(0Ah), the host controller can determine when the write
cycle has been completed (via the state of the EEWA
bit).
The READ command formats include:
• Single Read
- Single Memory Address
- Last Memory Address Accessed
• Continuous Reads
The MCP47FXBX4/8 retains the last device memory
address received. That is the MCP47FXBX4/8 does
not corrupt the device memory address after repeated
Start or Stop conditions.
If the address pointer is for a nonvolatile memory
location during a nonvolatile write cycle (tWC), the
MCP47FXBX4/8 will respond with an A bit.
7.2.1
SINGLE READ
The READ command format writes two bytes, the
Control byte and the READ command byte (desired
memory address and the READ command), and then
has a Restart condition. Then, a 2nd Control byte is
transmitted, but this control byte indicates an I2C read
operation (R/W bit = ‘1’).
7.2.1.1
Single Memory Address
Figure 7-4 shows the sequence for reading a specified
memory address.
7.2.1.2
Last Memory Address Accessed
Figure 7-5 shows the waveforms for a single read of
the last memory location accessed.
This command allows faster communication when
checking the status of the EEPROM Write Active
(EEWA) bit (see Register 4-4), as long as the register
address of the device’s last command is 0Ah.
7.2.2
CONTINUOUS READS
Continuous reads allow the device’s memory to be
read quickly. Continuous reads are possible to all
memory locations. If a nonvolatile memory write cycle
occurs, then READ commands may only access the
volatile memory locations.
Figure 7-7 shows the sequence for three continuous
reads.
For continuous reads, instead of transmitting a Stop or
Restart condition after the data transfer, the master
continually reads the data byte. The sequence ends
with the master Not Acknowledging and then sending a
Stop or Restart.
This is useful in reading the System STATUS register
(0Ah) to determine if an EEPROM write cycle has been
completed (EEWA bit).
7.2.3
IGNORING AN I2C TRANSMISSION
AND “FALLING OFF” THE BUS
The MCP47FXBX4/8 expects to receive complete,
valid I2C commands and will assume any command not
defined as a valid command. This is due to a bus
corruption, thus entering a passive High condition on
the SDA signal. All signals will be ignored until the next
valid Start condition and Control byte are received.
Note 1: During device communication, if the
device address/command combination is
invalid or an unimplemented address is
specified, then the MCP47FXBX4/8 will
NACK that byte. To reset the I2C state
machine, the I2C communication must
detect a Start bit.
2: If the LAT pin is high (VIH), reads of the
volatile DAC register read the output
value, not the internal register.
3: READ commands operate the same
regardless of the state of the High-
Voltage command signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com