Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FXB0XT-EST Datasheet(PDF) 68 Page - Microchip Technology

Part # MCP47FXB0XT-EST
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FXB0XT-EST Datasheet(HTML) 68 Page - Microchip Technology

Back Button MCP47FXB0XT-EST Datasheet HTML 64Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 65Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 66Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 67Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 68Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 69Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 70Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 71Page - Microchip Technology MCP47FXB0XT-EST Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 68
 2020 Microchip Technology Inc.
5.4
Output Buffer/VOUT Operation
The Output Driver buffers the wiper voltage (VW) of the
resistor ladder.
The DAC output is buffered with a low power and preci-
sion output amplifier (op amp). This amplifier provides a
rail-to-rail output with low offset voltage and low noise.
The amplifier’s output can drive the resistive and high-
capacitive loads without oscillation. The amplifier provides
a maximum load current which is enough for most pro-
grammable
voltage
reference
applications.
See
Section 1.0 “Electrical Characteristics” for the
specifications of the output amplifier.
Figure 5-5 shows the block diagram of the output driver
circuit.
The user can select the output gain of the output ampli-
fier. The gain options are:
a)
Gain of 1, when either the VDD, external VREF, or
Band Gap mode are used. In case of the Band
Gap mode, the effective gain is 2, see
Section 5.3 “Internal Band Gap”.
b)
Gain of 2, when the external VREF or internal
Band Gap modes are used. In case of the Band
Gap mode, the effective gain is 4, see
Section 5.3 “Internal Band Gap”.
FIGURE 5-5:
Output Driver Block Diagram.
5.4.1
PROGRAMMABLE GAIN
The amplifier’s gain is controlled by the Gain (G)
Configuration bit (see Register 4-5) and the VRL
reference selection.
The volatile Gain bit value can be modified by:
• POR events
• BOR events
•I2C WRITE commands
5.4.2
OUTPUT VOLTAGE
The volatile DAC register values, along with the
device’s Configuration bits, control the analog VOUT
voltage. The volatile DAC register’s value is unsigned
binary. The formula for the output voltage is given in
Equation 5-2. Table 5-5 shows examples of volatile
DAC register values and the corresponding theoretical
VOUT voltage for the MCP47FXBX4/8 devices.
EQUATION 5-2:
CALCULATING OUTPUT
VOLTAGE (VOUT)
The following events update the DAC register value
and therefore the analog voltage output (VOUT):
•POR
•BOR
• WRITE command
The VOUT voltage starts driving to the new value after
the event has occurred.
5.4.3
STEP VOLTAGE (VS)
The step voltage depends on the device resolution and
the calculated output voltage range. 1 LSb is defined
as the ideal voltage difference between two successive
codes. The step voltage can be easily calculated by
using Equation 5-3 (DAC register value is equal to 1).
Theoretical step voltages are shown in Table 5-2 for
several VREF voltages.
EQUATION 5-3:
VS CALCULATION
Note:
The load resistance must be kept higher
than 5 k
 for the stable and expected
analog
output
(to
meet
electrical
specifications).
VW
Gain
(1x or 2x)
VOUT
PDnB:PDnA
VDD
PDnB:PDnA
Note:
When Gain = 2 (VRL = VREF) and
if VREF > VDD/2, the VOUT voltage will be
limited to VDD. So if VREF = VDD, then the
VOUT voltage will not change for volatile
DAC register values mid-scale and greater,
since the op amp is at full-scale output.
Where:
# Resistors in R-Ladder = 4096 (MCP47FXB2X)
1024 (MCP47FXB1X)
256 (MCP47FXB0X)
VOUT
VRL DAC Register Value
# Resistor in Resistor Ladder
----------------------------------------------------------------------Gain
=
Where:
# Resistors in R-Ladder = 4096 (12-bit)
1024 (10-bit)
256 (8-bit)
VS
VRL
# Resistor in Resistor Ladder
----------------------------------------------------------------------Gain
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com