Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO32X Datasheet(PDF) 146 Page - STMicroelectronics

Part # LSM6DSO32X
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32X Datasheet(HTML) 146 Page - STMicroelectronics

Back Button LSM6DSO32X Datasheet HTML 142Page - STMicroelectronics LSM6DSO32X Datasheet HTML 143Page - STMicroelectronics LSM6DSO32X Datasheet HTML 144Page - STMicroelectronics LSM6DSO32X Datasheet HTML 145Page - STMicroelectronics LSM6DSO32X Datasheet HTML 146Page - STMicroelectronics LSM6DSO32X Datasheet HTML 147Page - STMicroelectronics LSM6DSO32X Datasheet HTML 148Page - STMicroelectronics LSM6DSO32X Datasheet HTML 149Page - STMicroelectronics LSM6DSO32X Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 162 page
background image
6.2
Accelerometer power modes .................................................... 29
6.2.1
Accelerometer ultra-low-power mode ........................................ 29
6.3
Gyroscope power modes ....................................................... 29
6.4
Block diagram of filters ......................................................... 30
6.4.1
Block diagrams of the accelerometer filters.................................... 30
6.4.2
Block diagrams of the gyroscope filters ....................................... 32
6.5
FIFO ........................................................................ 33
6.5.1
Bypass mode .......................................................... 33
6.5.2
FIFO mode ............................................................ 34
6.5.3
Continuous mode ....................................................... 34
6.5.4
Continuous-to-FIFO mode................................................. 34
6.5.5
Bypass-to-Continuous mode ............................................... 34
6.5.6
Bypass-to-FIFO mode.................................................... 35
6.5.7
FIFO reading procedure .................................................. 35
7
Application hints .................................................................36
7.1
LSM6DSO32X electrical connections in Mode 1.................................... 36
7.2
LSM6DSO32X electrical connections in Mode 2.................................... 37
8
Register mapping.................................................................40
9
Register description ..............................................................43
9.1
FUNC_CFG_ACCESS (01h) .................................................... 43
9.2
PIN_CTRL (02h) .............................................................. 43
9.3
FIFO_CTRL1 (07h) ............................................................ 44
9.4
FIFO_CTRL2 (08h) ............................................................ 44
9.5
FIFO_CTRL3 (09h) ............................................................ 45
9.6
FIFO_CTRL4 (0Ah)............................................................ 46
9.7
COUNTER_BDR_REG1 (0Bh) .................................................. 47
9.8
COUNTER_BDR_REG2 (0Ch) .................................................. 47
9.9
INT1_CTRL (0Dh) ............................................................. 48
9.10
INT2_CTRL (0Eh) ............................................................. 49
9.11
WHO_AM_I (0Fh) ............................................................. 49
9.12
CTRL1_XL (10h) .............................................................. 50
LSM6DSO32X
Contents
DS13607 - Rev 1
page 146/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com