Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO32X Datasheet(PDF) 149 Page - STMicroelectronics

Part # LSM6DSO32X
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32X Datasheet(HTML) 149 Page - STMicroelectronics

Back Button LSM6DSO32X Datasheet HTML 145Page - STMicroelectronics LSM6DSO32X Datasheet HTML 146Page - STMicroelectronics LSM6DSO32X Datasheet HTML 147Page - STMicroelectronics LSM6DSO32X Datasheet HTML 148Page - STMicroelectronics LSM6DSO32X Datasheet HTML 149Page - STMicroelectronics LSM6DSO32X Datasheet HTML 150Page - STMicroelectronics LSM6DSO32X Datasheet HTML 151Page - STMicroelectronics LSM6DSO32X Datasheet HTML 152Page - STMicroelectronics LSM6DSO32X Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 162 page
background image
11.13 MLC_INT2 (11h) .............................................................. 97
11.14 EMB_FUNC_STATUS (12h) .................................................... 97
11.15 FSM_STATUS_A (13h)......................................................... 98
11.16 FSM_STATUS_B (14h)......................................................... 98
11.17 MLC_STATUS (15h) ........................................................... 99
11.18 PAGE_RW (17h) .............................................................. 99
11.19 EMB_FUNC_FIFO_CFG (44h) .................................................100
11.20 FSM_ENABLE_A (46h) .......................................................100
11.21 FSM_ENABLE_B (47h) .......................................................100
11.22 FSM_LONG_COUNTER_L (48h) and FSM_LONG_COUNTER_H (49h) .............. 101
11.23 FSM_LONG_COUNTER_CLEAR (4Ah) .........................................101
11.24 FSM_OUTS1 (4Ch) ..........................................................102
11.25 FSM_OUTS2 (4Dh) ..........................................................102
11.26 FSM_OUTS3 (4Eh)...........................................................103
11.27 FSM_OUTS4 (4Fh)...........................................................103
11.28 FSM_OUTS5 (50h) ...........................................................104
11.29 FSM_OUTS6 (51h) ...........................................................104
11.30 FSM_OUTS7 (52h) ...........................................................105
11.31 FSM_OUTS8 (53h) ...........................................................105
11.32 FSM_OUTS9 (54h) ...........................................................106
11.33 FSM_OUTS10 (55h)..........................................................106
11.34 FSM_OUTS11 (56h) ..........................................................107
11.35 FSM_OUTS12 (57h)..........................................................107
11.36 FSM_OUTS13 (58h)..........................................................108
11.37 FSM_OUTS14 (59h)..........................................................108
11.38 FSM_OUTS15 (5Ah) .........................................................109
11.39 FSM_OUTS16 (5Bh) .........................................................109
11.40 EMB_FUNC_ODR_CFG_B (5Fh) ............................................... 110
11.41 EMB_FUNC_ODR_CFG_C (60h)............................................... 110
11.42 STEP_COUNTER_L (62h) and STEP_COUNTER_H (63h) ......................... 111
11.43 EMB_FUNC_SRC (64h)....................................................... 111
LSM6DSO32X
Contents
DS13607 - Rev 1
page 149/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com