Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO32X Datasheet(PDF) 148 Page - STMicroelectronics

Part # LSM6DSO32X
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32X Datasheet(HTML) 148 Page - STMicroelectronics

Back Button LSM6DSO32X Datasheet HTML 144Page - STMicroelectronics LSM6DSO32X Datasheet HTML 145Page - STMicroelectronics LSM6DSO32X Datasheet HTML 146Page - STMicroelectronics LSM6DSO32X Datasheet HTML 147Page - STMicroelectronics LSM6DSO32X Datasheet HTML 148Page - STMicroelectronics LSM6DSO32X Datasheet HTML 149Page - STMicroelectronics LSM6DSO32X Datasheet HTML 150Page - STMicroelectronics LSM6DSO32X Datasheet HTML 151Page - STMicroelectronics LSM6DSO32X Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 162 page
background image
9.44
TAP_CFG2 (58h).............................................................. 75
9.45
TAP_THS_6D (59h) ........................................................... 76
9.46
INT_DUR2 (5Ah) .............................................................. 77
9.47
WAKE_UP_THS (5Bh) ......................................................... 77
9.48
WAKE_UP_DUR (5Ch) ........................................................ 78
9.49
FREE_FALL (5Dh) ............................................................ 79
9.50
MD1_CFG (5Eh) .............................................................. 80
9.51
MD2_CFG (5Fh) .............................................................. 81
9.52
I3C_BUS_AVB (62h)........................................................... 82
9.53
INTERNAL_FREQ_FINE (63h) .................................................. 82
9.54
X_OFS_USR (73h) ............................................................ 82
9.55
Y_OFS_USR (74h) ............................................................ 83
9.56
Z_OFS_USR (75h) ............................................................ 83
9.57
FIFO_DATA_OUT_TAG (78h) ................................................... 84
9.58
FIFO_DATA_OUT_X_L (79h) and FIFO_DATA_OUT_X_H (7Ah) ..................... 85
9.59
FIFO_DATA_OUT_Y_L (7Bh) and FIFO_DATA_OUT_Y_H (7Ch) ..................... 85
9.60
FIFO_DATA_OUT_Z_L (7Dh) and FIFO_DATA_OUT_Z_H (7Eh) ..................... 85
10
Embedded functions register mapping ............................................86
11
Embedded functions register description .........................................88
11.1
PAGE_SEL (02h) ............................................................. 88
11.2
EMB_FUNC_EN_A (04h)....................................................... 88
11.3
EMB_FUNC_EN_B (05h)....................................................... 89
11.4
PAGE_ADDRESS (08h) ........................................................ 89
11.5
PAGE_VALUE (09h) ........................................................... 90
11.6
EMB_FUNC_INT1 (0Ah) ....................................................... 90
11.7
FSM_INT1_A (0Bh) ........................................................... 91
11.8
FSM_INT1_B (0Ch) ........................................................... 92
11.9
MLC_INT1 (0Dh) .............................................................. 93
11.10 EMB_FUNC_INT2 (0Eh) ....................................................... 94
11.11 FSM_INT2_A (0Fh)............................................................ 95
11.12 FSM_INT2_B (10h)............................................................ 96
LSM6DSO32X
Contents
DS13607 - Rev 1
page 148/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com