Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADRV9009-W/PCBZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADRV9009-W/PCBZ
Description  Integrated Dual RF Transmitter, Receiver, and Observation Receiver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9009-W/PCBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADRV9009-W/PCBZ Datasheet HTML 35Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 36Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 37Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 38Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 39Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 40Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 41Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 42Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
Data Sheet
ADRV9009
Rev. B | Page 39 of 127
–10
–110
–90
–70
–50
–100
–80
–60
–40
–30
–20
–25
–20
–5
10
–15
0
15
–10
5
20
25
BASEBAND FREQUENCY OFFSET
+110°C
+25°C
–40°C
Figure 101. Receiver Image vs. Baseband Frequency Offset,
Attenuation = 0 dB, RF Bandwidth = 50 MHz, Tracking Calibration Active,
Sample Rate = 61.44 MSPS, LO = 525 MHz
0
–120
–80
–100
–60
–40
–20
015
520
10
25
30
ATTENUATOR SETTING (dB)
+110°C
+25°C
–40°C
Figure 102. Receiver Image vs. Attenuator Setting, RF Bandwidth = 25 MHz,
Tracking Calibration Active, Sample Rate = 61.44 MSPS, LO = 75 MHz,
Baseband Frequency = 25 MHz
0
–120
–80
–100
–60
–40
–20
015
520
10
25
30
ATTENUATOR SETTING (dB)
+110°C
+25°C
–40°C
Figure 103. Receiver Image vs. Attenuator Setting, RF Bandwidth = 25 MHz,
Tracking Calibration Active, Sample Rate = 61.44 MSPS, LO = 325 MHz,
Baseband Frequency = 25 MHz
25
–15
–5
–10
0
5
15
10
20
015
520
10
25
30
RECEIVER ATTENUATOR SETTING (dB)
+110°C
+25°C
–40°C
Figure 104. Receiver Gain vs. Receiver Attenuator Setting, RF Bandwidth =
50 MHz, Sample Rate = 61.44 MSPS, LO = 75 MHz
25
–15
–5
–10
0
5
15
10
20
015
520
10
25
30
RECEIVER ATTENUATOR SETTING (dB)
+110°C
+25°C
–40°C
Figure 105. Receiver Gain vs. Receiver Attenuator Setting,
RF Bandwidth = 50 MHz, Sample Rate = 61.44 MSPS, LO = 325 MHz
25
–15
–5
–10
0
5
15
10
20
015
520
10
25
30
RECEIVER ATTENUATOR SETTING (dB)
+110°C
+25°C
–40°C
Figure 106. Receiver Gain vs. Receiver Attenuator Setting,
RF Bandwidth = 50 MHz, Sample Rate = 61.44 MSPS, LO = 525 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com