Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADRV9009-W/PCBZ Datasheet(PDF) 42 Page - Analog Devices

Part # ADRV9009-W/PCBZ
Description  Integrated Dual RF Transmitter, Receiver, and Observation Receiver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9009-W/PCBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button ADRV9009-W/PCBZ Datasheet HTML 38Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 39Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 40Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 41Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 42Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 43Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 44Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 45Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 127 page
background image
ADRV9009
Data Sheet
Rev. B | Page 42 of 127
–10
–150
–130
–110
–90
–70
–50
–30
–25
–20
–15
–10
–5
5
10
15
25
20
FREQUENCY OFFSET FROM LO (MHz)
+110°C Rx2 (RIGHT)
+110°C Rx1 (RIGHT)
+25°C Rx2 (RIGHT)
+25°C Rx1 (RIGHT)
–40°C Rx2 (RIGHT)
–40°C Rx1 (RIGHT)
+110°C Rx2 (LEFT)
+110°C Rx1 (LEFT)
+25°C Rx2 (LEFT)
+25°C Rx1 (LEFT)
–40°C Rx2 (LEFT)
–40°C Rx1 (LEFT)
Figure 119. Receiver HD3, Left and Right vs. Frequency Offset from LO,
Tone Level = −17 dBm at Attenuation = 0 dB, LO = 300 MHz
–10
–150
–130
–110
–90
–70
–50
–30
–25
–20
–15
–10
–5
5
10
15
25
20
FREQUENCY OFFSET FROM LO (MHz)
+110°C Rx2 (RIGHT)
+110°C Rx1 (RIGHT)
+25°C Rx2 (RIGHT)
+25°C Rx1 (RIGHT)
–40°C Rx2 (RIGHT)
–40°C Rx1 (RIGHT)
+110°C Rx2 (LEFT)
+110°C Rx1 (LEFT)
+25°C Rx2 (LEFT)
+25°C Rx1 (LEFT)
–40°C Rx2 (LEFT)
–40°C Rx1 (LEFT)
Figure 120. Receiver HD3, Left and Right vs. Frequency Offset from LO, Tone
Level = −17 dBm at Attenuation = 0 dB, LO = 525 MHz
0
–50
–30
–40
–20
–10
–35
–45
–25
–15
–5
–65
–35
–55
–25
–45
–15
5
–5
LTE 20MHz RF INPUT POWER (dBm)
+110°C
+25°C
–40°C
Figure 121. Receiver EVM vs. LTE 20 MHz RF Input Power, LTE 20 MHz RF
Signal, LO = 75 MHz, Default AGC Settings
0
–50
–30
–40
–20
–10
–35
–45
–25
–15
–5
–65
–35
–55
–25
–45
–15
5
–5
LTE 20MHz RF INPUT POWER (dBm)
+110°C
+25°C
–40°C
Figure 122. Receiver EVM vs. LTE 20 MHz RF Input Power, LTE 20 MHz RF
Signal, LO = 300 MHz, Default AGC Settings
0
–50
–30
–40
–20
–10
–35
–45
–25
–15
–5
–65
–35
–55
–25
–45
–15
5
–5
LTE 20MHz RF INPUT POWER (dBm)
+110°C
+25°C
–40°C
Figure 123. Receiver EVM vs. LTE 20 MHz RF Input Power, LTE 20 MHz RF
Signal, LO = 525 MHz, Default AGC Settings
0
100
60
80
40
20
70
90
50
30
10
0
300
100
400
200
500
600
LO FREQUENCY (MHz)
Rx1 TO Rx2
Rx2 TO Rx1
Figure 124. Receiver to Receiver Isolation vs. LO Frequency, Baseband
Frequency = 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com