Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H723VE Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32H723VE
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VE Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32H723VE Datasheet HTML 53Page - STMicroelectronics STM32H723VE Datasheet HTML 54Page - STMicroelectronics STM32H723VE Datasheet HTML 55Page - STMicroelectronics STM32H723VE Datasheet HTML 56Page - STMicroelectronics STM32H723VE Datasheet HTML 57Page - STMicroelectronics STM32H723VE Datasheet HTML 58Page - STMicroelectronics STM32H723VE Datasheet HTML 59Page - STMicroelectronics STM32H723VE Datasheet HTML 60Page - STMicroelectronics STM32H723VE Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 227 page
background image
DS13313 Rev 2
57/227
STM32H723xE/G
Pinouts, pin descriptions and alternate functions
85
Pin functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 6. Legend/abbreviations used in the pinout table (continued)
Name
Abbreviation
Definition
Table 7. STM32H723 pin and ball descriptions
Pin number
Pin name (function
after reset)
Alternate functions
Additional
functions
A3
1
1
A3
PE2
I/O
FT_h
-
TRACECLK, SAI1_CK1,
USART10_RX, SPI4_SCK,
SAI1_MCLK_A, SAI4_MCLK_A,
OCTOSPIM_P1_IO2, SAI4_CK1,
ETH_MII_TXD3, FMC_A23,
EVENTOUT
-
B3
2
2
A2
PE3
I/O
FT_h
-
TRACED0, TIM15_BKIN, SAI1_SD_B,
SAI4_SD_B, USART10_TX, FMC_A19,
EVENTOUT
-
C3
3
3
B2
PE4
I/O
FT_h
-
TRACED1, SAI1_D2,
DFSDM1_DATIN3, TIM15_CH1N,
SPI4_NSS, SAI1_FS_A, SAI4_FS_A,
SAI4_D2, FMC_A20,
DCMI_D4/PSSI_D4, LCD_B0,
EVENTOUT
-
D3
4
4
B3
PE5
I/O
FT_h
-
TRACED2, SAI1_CK2,
DFSDM1_CKIN3, TIM15_CH1,
SPI4_MISO, SAI1_SCK_A,
SAI4_SCK_A, SAI4_CK2, FMC_A21,
DCMI_D6/PSSI_D6, LCD_G0,
EVENTOUT
-
E3
5
5
B4
PE6
I/O
FT_h
-
TRACED3, TIM1_BKIN2, SAI1_D1,
TIM15_CH2, SPI4_MOSI, SAI1_SD_A,
SAI4_SD_A, SAI4_D1, SAI4_MCLK_B,
TIM1_BKIN2_COMP12, FMC_A22,
DCMI_D7/PSSI_D7, LCD_G1,
EVENTOUT
-
B2
6
6
C2
VBAT
S
-
-
-
-
A2
7
7
A1
PC13
I/O
FT
-
EVENTOUT
RTC_TAMP1/
RTC_TS,
WKUP4
A1
8
8
B1
PC14-OSC32_IN
I/O
FT
-
EVENTOUT
OSC32_IN
B1
9
9
C1
PC15-OSC32_OUT
I/O
FT
-
EVENTOUT
OSC32_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com