Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H723VE Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32H723VE
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VE Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32H723VE Datasheet HTML 14Page - STMicroelectronics STM32H723VE Datasheet HTML 15Page - STMicroelectronics STM32H723VE Datasheet HTML 16Page - STMicroelectronics STM32H723VE Datasheet HTML 17Page - STMicroelectronics STM32H723VE Datasheet HTML 18Page - STMicroelectronics STM32H723VE Datasheet HTML 19Page - STMicroelectronics STM32H723VE Datasheet HTML 20Page - STMicroelectronics STM32H723VE Datasheet HTML 21Page - STMicroelectronics STM32H723VE Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 227 page
background image
Description
STM32H723xE/G
18/227
DS13313 Rev 2
Tamper pins
2
2
2
2
Random number generator
yes
Cryptographic accelerator
no
Communication
interfaces
SPI / I2S
5/4
5/4
6/4
6/4
I2C
5
5
5
5
USART/UART/
LPUART
5/5/1
5/5/1
5/5/1
5/5/1
SAI/PDM
2/1(3)
2/1(3)
2/1
2/1
SPDIFRX
1
HDMI-CEC
1
SWPMI
1
MDIO
1
SDMMC
2
FDCAN/TT-FDCAN
2/1
2/1
2/1
2/1
USB [OTG_HS(ULPI)/FS(PHY)]
1 [1/1]
1 [1/1]
1 [1/1]
1 [1/1]
Ethernet [MII/RMII]
1 [1/1]
1 [1/1]
1 [1/1]
1 [1/1]
Camera interface/PSSI
yes
LCD-TFT
yes
yes
yes
yes
Chrom-ART Accelerator (DMA2D)
yes
16-bit ADCs
Number of ADCs
2
Number of direct
channelsADC1/ADC2
2/20
02/2
Number of fast channels
ADC1/ADC2
3/23/2
4/34/3
Number of slow channels
ADC1/ADC2
9/8
11/10
12/11
12/11
12-bit ADCs
Number of ADCs
1
Number of direct channels
2
2
2
2
Number of fast channels
6
2
6
6
Number of slow channels
9
0
4
9
12-bit DAC
Present in IC
yes
Number of channels
2
Comparators
2
Operational amplifiers
2
DFSDM
Present in IC
yes
Table 1. STM32H723xE/G features and peripheral counts (continued)
Peripherals
STM32H723
VGH/VEH
STM32H723
VGT/VET
STM32H723
ZGT/ZET
STM32H723
ZGI/ZEI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com