Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H723VE Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32H723VE
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VE Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32H723VE Datasheet HTML 70Page - STMicroelectronics STM32H723VE Datasheet HTML 71Page - STMicroelectronics STM32H723VE Datasheet HTML 72Page - STMicroelectronics STM32H723VE Datasheet HTML 73Page - STMicroelectronics STM32H723VE Datasheet HTML 74Page - STMicroelectronics STM32H723VE Datasheet HTML 75Page - STMicroelectronics STM32H723VE Datasheet HTML 76Page - STMicroelectronics STM32H723VE Datasheet HTML 77Page - STMicroelectronics STM32H723VE Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 227 page
background image
PB0
-
TIM1_CH
2N
TIM3_CH3
TIM8_CH
2N
OCTO
SPIM_P1
_IO1
-
DFSDM1_
CKOUT
-
UART4_
CTS
LCD_R3
OTG_HS_
ULPI_D1
ETH_MII_
RXD2
--
LCD_G
1
EVENT
OUT
PB1
-
TIM1_CH
3N
TIM3_CH4
TIM8_CH
3N
OCTO
SPIM_P1
_IO0
-
DFSDM1_
DATIN1
--
LCD_R6
OTG_HS_
ULPI_D2
ETH_MII_
RXD3
--
LCD_G
0
EVENT
OUT
PB2
RTC_
OUT
SAI4_D1
SAI1_D1
-
DFSDM1
_CKIN1
-
SAI1_SD_
A
SPI3_
MOSI/I2S
3_SDO
SAI4_SD_
A
OCTO
SPIM_P1_
CLK
OCTO
SPIM_P1_
DQS
ETH_TX_
ER
-
TIM23_
ETR
-
EVENT
OUT
PB3
JTDO/
TRACE
SWO
TIM2_CH
2
--
-
SPI1_
SCK/
I2S1_CK
SPI3_SCK
/I2S3_CK
-
SPI6_SCK
/I2S6_CK
SDMMC2_
D2
CRS_
SYNC
UART7_RX
-
-
TIM24_
ETR
EVENT
OUT
PB4
NJT
RST
TIM16_
BKIN
TIM3_CH1
-
-
SPI1_
MISO/
I2S1_SDI
SPI3_
MISO/
I2S3_SDI
SPI2_
NSS/
I2S2_WS
SPI6_
MISO/
I2S6_SDI
SDMMC2_
D3
-UART7_TX
-
-
-
EVENT
OUT
PB5
-
TIM17_
BKIN
TIM3_CH2
LCD_B5
I2C1_
SMBA
SPI1_
MOSI/I2S
1_SDO
I2C4_
SMBA
SPI3_
MOSI/I2S
3_SDO
SPI6_
MOSI/I2S6
_SDO
FDCAN2_
RX
OTG_HS_
ULPI_D7
ETH_PPS_
OUT
FMC_SDC
KE1
DCMI_
D10/PSS
I_D10
UART5
_RX
EVENT
OUT
PB6
-
TIM16_
CH1N
TIM4_CH1
-
I2C1_
SCL
CEC
I2C4_SCL
USART1
_TX
LPUART1
_TX
FDCAN2_
TX
OCTO
SPIM_P1_
NCS
DFSDM1_
DATIN5
FMC_SDN
E1
DCMI_
D5/PSSI
_D5
UART5
_TX
EVENT
OUT
PB7
-
TIM17_
CH1N
TIM4_CH2
-
I2C1_
SDA
-
I2C4_SDA
USART1
_RX
LPUART1
_RX
--
DFSDM1_
CKIN5
FMC_NL
DCMI_
VSYNC/
PSSI_
RDY
-
EVENT
OUT
PB8
-
TIM16_C
H1
TIM4_CH3
DFSDM1
_CKIN7
I2C1_
SCL
-
I2C4_SCL
SDMMC1
_CKIN
UART4_
RX
FDCAN1_
RX
SDMMC2_
D4
ETH_MII_
TXD3
SDMMC1_
D4
DCMI_
D6/PSSI
_D6
LCD_B
6
EVENT
OUT
PB9
-
TIM17_
CH1
TIM4_CH4
DFSDM1
_DATIN7
I2C1_
SDA
SPI2_
NSS/I2S
2_WS
I2C4_SDA
SDMMC1
_CDIR
UART4_
TX
FDCAN1_
TX
SDMMC2_
D5
I2C4_
SMBA
SDMMC1_
D5
DCMI_
D7/PSSI
_D7
LCD_B
7
EVENT
OUT
Table 8. STM32H723 pin alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
FMC/
LPTIM1/
SAI4/TIM1
6/17/TIM1
x/TIM2x
FDCAN3/
PDM_
SAI1/
TIM3/4/5/1
2/15
DFSDM1
/LCD/
LPTIM2/
3/4/5/
LPUART
1/OCTO
SPIM_P1
/2/TIM8
CEC/
DCMI/
PSSI/
DFSDM1
/I2C1/2/3/
4/5/
LPTIM2/
OCTO
SPIM_P1
/TIM15/
USART1/
10
CEC/
FDCAN3/
SPI1/I2S
1/SPI2/
I2S2/SPI
3/I2S3/
SPI4/5/6
DFSDM1/I
2C4/5/
OCTO
SPIM_P1/
SAI1/
SPI3/
I2S3/
UART4
SDMMC1
/SPI2/I2S
2/SPI3/
I2S3/
SPI6/
UART7/
USART1/
2/3/6
LPUART1/
SAI4/
SDMMC1/
SPDIFRX1
/SPI6/
UART4/5/
8
FDCAN1/2
/FMC/
LCD/
OCTO
SPIM_P1/
2/SAI4/
SDMMC2/
SPDIFRX1
/TIM13/14
CRS/
FMC/
LCD/
OCTO
SPIM_P1/
OTG1_FS/
OTG1_HS/
SAI4/
SDMMC2/
TIM8
DFSDM1/
ETH/I2C4/
LCD/MDIO
S/OCTOSP
IM_P1/
SDMMC2/
SWPMI1/
TIM1x/TIM
8/UART7/9/
USART10
FMC/LCD/
MDIOS/
OCTOSPI
M_P1/
SDMMC1/
TIM1x/
TIM8
COMP/
DCMI/
PSSI/
LCD/
TIM1x/
TIM23
LCD/
TIM24/
UART5
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com