Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H723VE Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM32H723VE
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VE Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32H723VE Datasheet HTML 94Page - STMicroelectronics STM32H723VE Datasheet HTML 95Page - STMicroelectronics STM32H723VE Datasheet HTML 96Page - STMicroelectronics STM32H723VE Datasheet HTML 97Page - STMicroelectronics STM32H723VE Datasheet HTML 98Page - STMicroelectronics STM32H723VE Datasheet HTML 99Page - STMicroelectronics STM32H723VE Datasheet HTML 100Page - STMicroelectronics STM32H723VE Datasheet HTML 101Page - STMicroelectronics STM32H723VE Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 227 page
background image
Electrical characteristics
STM32H723xE/G
98/227
DS13313 Rev 2
Table 20. Typical and maximum current consumption in Run mode,
code with data processing running from ITCM(1)
Symbol
Parameter
Conditions
frcc_c_ck
(MHz)
Typ
Max(2)
Unit
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDD
Supply
current in
Run mode
All
peripherals
disabled
VOS0(3)
550
145
170
260
330
-
mA
520
135
160
260
320
-
VOS0
520
135
160
260
320
-
480
125
150
250
310
-
450
115
150
240
300
-
400
105
130
230
290
-
VOS1
400
90.5
110
170
220
280
300
69.5
84
150
200
260
VOS2
300
63
74
130
170
220
280
58
69
120
160
210
216
45.5
56
110
150
200
200
42
53
110
140
200
VOS3
170
32.5
40
80
110
160
168
32
40
79
110
160
144
28
36
75
110
150
60
13.5
21
61
90
140
25
6.9
14
54
83
130
All
peripherals
enabled
VOS0
(3)
550
215
250
360
430
-
520
205
240
350
420
-
VOS0
520
205
240
350
420
-
400
160
190
300
370
-
VOS1
400
135
160
230
290
360
300
105
130
200
250
330
VOS2
300
95
110
170
210
280
280
88
100
160
210
270
VOS3
170
49
58
110
140
190
1. Data are in DTCM for best computation performance, the cache has no influence on consumption in this case.
2. Guaranteed by characterization results, unless otherwise specified.
3. CPU_FREQ_BOOST is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com