Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H723VE Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32H723VE
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VE Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32H723VE Datasheet HTML 98Page - STMicroelectronics STM32H723VE Datasheet HTML 99Page - STMicroelectronics STM32H723VE Datasheet HTML 100Page - STMicroelectronics STM32H723VE Datasheet HTML 101Page - STMicroelectronics STM32H723VE Datasheet HTML 102Page - STMicroelectronics STM32H723VE Datasheet HTML 103Page - STMicroelectronics STM32H723VE Datasheet HTML 104Page - STMicroelectronics STM32H723VE Datasheet HTML 105Page - STMicroelectronics STM32H723VE Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 227 page
background image
Electrical characteristics
STM32H723xE/G
102/227
DS13313 Rev 2
I/O system current consumption
The current consumption of the I/O system has two components: static and dynamic.
Table 26. Typical current consumption in Stop mode
Symbol Parameter
Conditions
Typ
Max(1)
1. Guaranteed by characterization results.
Unit
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDD(Stop)
Supply
current in
Stop and
DStop
modes
Flash memory in low
power mode
SVOS5
0.52
3.7
26
44
72
mA
SVOS4
0.81
6.1
39
64
110
SVOS3
1.15
8.6
51
82
130
Flash memory in
normal mode
SVOS5
0.535
3.7
26
44
72
SVOS4
0.96
6.2
39
64
110
SVOS3
1.45
8.8
51
83
130
Table 27. Typical current consumption in Standby mode
Symbol
Parameter
Conditions
Typ(1)
1. These values are given for PDR OFF. When the PDR is ON, the typical current consumption is increased
(refer to Table 16: Reset and power control block characteristics.
Max at 3.6 V(2)
2. Guaranteed by characterization results.
Unit
Backup
SRAM
RTC
and
LSE(3)
3. The LSE is in Low-drive mode.
1.65
V
2.4 V
3 V
3.3 V
TJ =
25 °
C
TJ =
85 °
C
TJ =
105 °
C
TJ =
125 °
C
IDD
(Standby)
Supply
current in
Standby
mode,
IWDG OFF
OFF
OFF
2.2
2.35
2.5
2.8
-
-
-
-
µA
ON
OFF
3.5
3.7
4
4.3
-
-
-
-
OFF
ON
2.2
2.4
2.85
3.25
4.5
15
30
64
ON
ON
3.5
3.8
4.35
4.75
8.3
39
75
140
Table 28. Typical and maximum current consumption in VBAT mode
Sym-
bol
Para-
meter
Conditions
Typ
Max at 3.6 V(1)(2)
1. Guaranteed by characterization results.
2. The LDO regulator is used before switching to VBAT mode.
Back-up
SRAM
RTC
and
LSE(3)
3. The LSE is in Low-drive mode.
1.2 V
2 V
3 V
3.3 V
TJ = 2
5 °C
TJ =
85 °C
TJ =
105 °
C
TJ =
125 °
C
IDD
(VBAT)
Supply
current in
VBAT
mode
OFF
OFF
0.008
0.01
0.025
0.05
0.3
3.1
7.4
18
ON
OFF
1.5
1.7
1.9
1.9
4
28
53
91
OFF
ON
0.4
0.5
0.75
0.8
-
-
-
-
ON
ON
1.8
2.1
2.8
3.2
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com