Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V51-E/MS Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6V51-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V51-E/MS Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6V51-E/MS Datasheet HTML 7Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 8Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 9Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 10Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 11Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 12Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 13Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 14Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
 2018 Microchip Technology Inc.
DS20006136A-page 11
MCP6V51
FIGURE 2-13:
Input Bias and Offset
Currents vs. Common Mode Input Voltage with
TA = +85°C.
FIGURE 2-14:
Input Bias and Offset
Currents vs. Common Mode Input Voltage with
TA = +125°C.
FIGURE 2-15:
Input Bias and Offset
Currents vs. Ambient Temperature with
VDD = 45V.
FIGURE 2-16:
Input Bias Current vs. Input
Voltage (Below VSS).
-500
-400
-300
-200
-100
0
100
200
300
400
500
Input Common Mode Voltage (V)
Input Bias Current
Input Offset Current
V
DD = 45V
T
A = +85 ºC
0
5
10
15
20
25
30
35
40
45
-1000
-500
0
500
1000
1500
2000
Input Common Mode Voltage (V)
Input Bias Current
Input Offset Current
V
DD = 45V
T
A = +125 ºC
0
5
10
15
20
25
30
35
40
45
Ambient Temperature (°C)
10n
100p
10p
1p
1n
I
B
I
OS
4.5V
45V
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
Input Voltage (V)
1m
10μ
100n
10n
1n
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = -40°C
100μ
1μ
100p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com