Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V51-E/MS Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6V51-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V51-E/MS Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6V51-E/MS Datasheet HTML 12Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 13Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 14Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 15Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 16Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 17Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 18Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 19Page - Microchip Technology MCP6V51-E/MS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
MCP6V51
DS20006136A-page 16
 2018 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +4.5V to +45V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =10kΩ to VL and CL = 100 pF.
2.5
Time Response
FIGURE 2-35:
Input Offset Voltage vs.
Time with Temperature Change.
FIGURE 2-36:
Input Offset Voltage vs.
Time at Power-Up.
FIGURE 2-37:
The MCP6V51 Shows No
Input Phase Reversal with Overdrive.
FIGURE 2-38:
Noninverting Small Signal
Step Response.
FIGURE 2-39:
Noninverting Large Signal
Step Response.
FIGURE 2-40:
Noninverting 40 VPP Step
Response.
-100
-60
-20
20
60
100
-5
0
5
10
15
20
0
20
40
60
80 100 120 140 160 180 200
Time (s)
V
DD = 45V
V
DD = 4.5V
T
PCB
V
OS
Temperature increased by
using heat gun for 3 seconds
-6
0
6
12
18
24
30
36
42
48
-250
0
250
500
750
1000
1250
1500
1750
2000
02468
10 12 14 16 18 20
Time (ms)
V
DD Bypass = 1 F
V
DD = 45V
G = +1 V/V
V
DD
V
OS
-30
-20
-10
0
10
20
30
Time (100 μs/div)
VDD = +/-22.5V
G = +1 V/V
V
OUT
V
IN
0123456789
10
Time (μs)
V
DD = +/-15V
G = +1 V/V
VIN
VOUT
-15
-10
-5
0
5
10
15
0
102030405060708090 100
Time (μs)
V
DD = +/-15 V
G = +1 V/V
VOUT
VIN
-30
-20
-10
0
10
20
30
0
20
40
60
80 100 120 140 160 180 200
Time (μs)
V
DD = +/-22.5 V
G = +1 V/V
VOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com