Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3564 Datasheet(PDF) 74 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 74 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 70Page - Microchip Technology MCP3564 Datasheet HTML 71Page - Microchip Technology MCP3564 Datasheet HTML 72Page - Microchip Technology MCP3564 Datasheet HTML 73Page - Microchip Technology MCP3564 Datasheet HTML 74Page - Microchip Technology MCP3564 Datasheet HTML 75Page - Microchip Technology MCP3564 Datasheet HTML 76Page - Microchip Technology MCP3564 Datasheet HTML 77Page - Microchip Technology MCP3564 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
MCP3561/2/4
DS20006181C-page 74
 2019-2021 Microchip Technology Inc.
6.8.2
CONVERSION CYCLE START
INTERRUPT
This interrupt is the only selectable one and the only
one not present in the STATUS byte on the SDO and
IRQ registers. It is only available on the IRQ pin. The
user can enable or disable this output by using:
•[EN_STP] = 1: The conversion start interrupt
output is enabled (default).
•[EN_STP] = 0: The conversion start interrupt
output is disabled.
This interrupt marks the beginning of a conversion
cycle. In case of a One-Shot mode or Continuous mode
conversion in MUX mode, it marks the start of the
sampling in the first conversion (after the ADC start-up
delay of 256 DMCLK periods). In case of a SCAN
mode, it marks the start of the sampling in the first con-
version of the first SCAN mode cycle. The host MCU
can utilize this interrupt to synchronize the start of the
ADC conversion and manage synchronous events
together with the conversion process (see Figure 6-14
for more details).
FIGURE 6-14:
Conversion Start IRQ Timing Diagram.
This interrupt output generates a falling edge on the
IRQ pin and is automatically cleared after a short
period of time, TSTP.
6.8.3
POR INTERRUPT
The POR interrupt informs the user if a POR event has
happened or if the part is in a POR state when the IRQ
pin is used.
This interrupt is implemented with three different and
independent mechanisms: STATUS byte on SDO, IRQ
register Status bit and IRQ pin state.
6.8.3.1
STATUS Byte on SDO
When the device has just powered up, on the first
STATUS byte transmitted on SDO (first communica-
tion), the POR_STATUS bit is logic low. Once the
STATUS byte has been transmitted, the POR_STATUS
bit appears as ‘1’ until the part is powered down. If a
POR event occurs between two STATUS byte trans-
missions, and if the part is properly repowered up, the
POR_STATUS bit on SDO will appear as equal to ‘0’ on
the latter reading. This mechanism can only work when
the power supplies are back above the POR thresholds
on the analog and digital cores, as retrieving data from
the SPI port is not possible when the device is in POR
state.
6.8.3.2
IRQ Register Status Bit
When the device has just powered up, the
POR_STATUS bit in the IRQ register is set to ‘0’. Once
the
IRQ
register
has
been
fully
read,
this
POR_STATUS bit is once again reset to ‘1’. If a POR
event occurs between two readings of the IRQ register,
the IRQ register Status bit will appear as equal to ‘0’ on
the second reading. This mechanism can only work
when the power supplies are back above the POR
thresholds on the analog and digital cores.
00
ADC_MODE
IRQ
TADC_SETUP
TCON V
TSTP
11
Conversion
Start IRQ
(EN_STP = 1)
Data Ready
IRQ
Shutdown
ADC STATUS
1st Conv ers ion in
either MUX or SCAN mode
Sta rt-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com