Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3564 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 6Page - Microchip Technology MCP3564 Datasheet HTML 7Page - Microchip Technology MCP3564 Datasheet HTML 8Page - Microchip Technology MCP3564 Datasheet HTML 9Page - Microchip Technology MCP3564 Datasheet HTML 10Page - Microchip Technology MCP3564 Datasheet HTML 11Page - Microchip Technology MCP3564 Datasheet HTML 12Page - Microchip Technology MCP3564 Datasheet HTML 13Page - Microchip Technology MCP3564 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
MCP3561/2/4
DS20006181C-page 10
 2019-2021 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise specified, all parameters apply for TA = -40°C to +125°C,
AVDD = 2.7V to 3.6V, DVDD =1.8V to AVDD + 0.1V, DGND =AGND =0V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistance
Thermal Resistance, 20-Lead TSSOP
JA
—44—
°C/W
Thermal Resistance, 20-Lead UQFN
JA
—50—
°C/W
Note 1:
The internal Junction Temperature (TJ) must not exceed the absolute maximum specification of +150°C.
TABLE 1-1:
SPI SERIAL INTERFACE TIMING SPECIFICATIONS FOR DVDD = 2.7V TO 3.6V
Electrical Specifications: DVDD = 2.7V to 3.6V, TA = -40°C to +125°C, CLOAD =30pF. See Figure 1-1.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Serial Clock Frequency
fSCK
——
20
MHz
CS Setup Time
tCSS
25
—
—
ns
CS Hold Time
tCSH
50
—
—
ns
CS Disable Time
tCSD
50
—
—
ns
Data Setup Time
tSU
5—
—
ns
Data Hold Time
tHD
10
—
—
ns
Serial Clock High Time
tHI
20
—
—
ns
Serial Clock Low Time
tLO
20
—
—
ns
Serial Clock Delay Time
tCLD
50
—
—
ns
Serial Clock Enable Time
tCLE
50
—
—
ns
Output Valid from SCK Low
tDO
——
25
ns
Output Hold Time
tHO
0—
—
ns
Output Disable Time
tDIS
—
—
25
ns
Measured with a 1.5 mA
pull-up current source on SDO
pin
POR IRQ Disable Time
tCSIRQ
—
—
52
ns
Measured with a 1.5 mA
pull-up current source on IRQ
pin
Output Valid from CS Low
tCSSDO
—
—
25
ns
SDO toggles to logic low at
each communication start (CS
falling edge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com