Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3564 Datasheet(PDF) 97 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 97 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 93Page - Microchip Technology MCP3564 Datasheet HTML 94Page - Microchip Technology MCP3564 Datasheet HTML 95Page - Microchip Technology MCP3564 Datasheet HTML 96Page - Microchip Technology MCP3564 Datasheet HTML 97Page - Microchip Technology MCP3564 Datasheet HTML 98Page - Microchip Technology MCP3564 Datasheet HTML 99Page - Microchip Technology MCP3564 Datasheet HTML 100Page - Microchip Technology MCP3564 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 97
MCP3561/2/4
Microchip Technology Drawing C04-264A Sheet 2 of 2
Number of Terminals
Overall Height
Terminal Width (Outer)
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b1
E2
A3
e
L
E
N
0.40 BSC
0.15 REF
1.60
0.35
0.15
0.50
0.00
0.20
0.40
1.70
0.55
0.02
3.00 BSC
MILLIMETERS
MIN
NOM
20
1.80
0.45
0.25
0.60
0.05
MAX
K-
0.20
-
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Terminal-to-Exposed-Pad
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
20-Lead Ultra Thin Plastic Quad Flat, No Lead Package
- 3x3 mm Body [UQFN]
(Formerly Q3DE; SST Legacy Package)
Overall Length
Exposed Pad Length
D
D2
1.60
3.00 BSC
1.70
1.80
DETAIL A
(b)
L
b1
Terminal Width (Inner)
b
0.15 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com