Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3564 Datasheet(PDF) 86 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 86 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 82Page - Microchip Technology MCP3564 Datasheet HTML 83Page - Microchip Technology MCP3564 Datasheet HTML 84Page - Microchip Technology MCP3564 Datasheet HTML 85Page - Microchip Technology MCP3564 Datasheet HTML 86Page - Microchip Technology MCP3564 Datasheet HTML 87Page - Microchip Technology MCP3564 Datasheet HTML 88Page - Microchip Technology MCP3564 Datasheet HTML 89Page - Microchip Technology MCP3564 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 108 page
background image
MCP3561/2/4
DS20006181C-page 86
 2019-2021 Microchip Technology Inc.
8.5
CONFIG3 Register
Name
Bits
Address
Cof
CONFIG3
8
0x4
R/W
REGISTER 8-5:
CONFIG3: CONFIGURATION REGISTER 3
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CONV_MODE[1:0]
DATA_FORMAT[1:0]
CRC_FORMAT
EN_CRCCOM
EN_OFFCAL
EN_GAINCAL
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
CONV_MODE[1:0]: Conversion Mode Selection
11 = Continuous Conversion mode or continuous conversion cycle in SCAN mode
10 = One-shot conversion or one-shot cycle in SCAN mode. It sets ADC_MODE[1:0] to ‘10’ (standby) at
the end of the conversion or at the end of the conversion cycle in SCAN mode.
0x = One-shot conversion or one-shot cycle in SCAN mode. It sets ADC_MODE[1:0] to ‘0x’ (ADC
Shutdown) at the end of the conversion or at the end of the conversion cycle in SCAN mode (default).
bit 5-4
DATA_FORMAT[1:0]: ADC Output Data Format Selection
11 = 32-bit (25-bit right justified data + Channel ID): CHID[3:0] + SGN extension (4 bits) + 24-bit ADC
data. It allows overrange with the SGN extension.
10 = 32-bit (25-bit right justified data): SGN extension (8-bit) + 24-bit ADC data. It allows overrange with
the SGN extension.
01 = 32-bit (24-bit left justified data): 24-bit ADC data + 0x00 (8-bit). It does not allow overrange (ADC
code locked to 0xFFFFFF or 0x800000).
00 = 24-bit (default ADC coding): 24-bit ADC data. It does not allow overrange (ADC code locked to
0xFFFFFF or 0x800000).
bit 3
CRC_FORMAT: CRC Checksum Format Selection on Read Communications
(it does not affect CRCCFG coding)
1 = 32-bit wide (CRC-16 followed by 16 zeros)
0 = 16-bit wide (CRC-16 only) (default)
bit 2
EN_CRCCOM: CRC Checksum Selection on Read Communications
(it does not affect CRCCFG calculations)
1 = CRC on communications enabled
0 = CRC on communications disabled (default)
bit 1
EN_OFFCAL: Enable Digital Offset Calibration
1 = Enabled
0 = Disabled (default)
bit 0
EN_GAINCAL: Enable Digital Gain Calibration
1 = Enabled
0 = Disabled (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com