Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE25AA128GFMLTH Datasheet(PDF) 44 Page - ACE Technology Co., LTD.

Part # ACE25AA128GFMLTH
Description  Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA128GFMLTH Datasheet(HTML) 44 Page - ACE Technology Co., LTD.

Back Button ACE25AA128GFMLTH Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 48Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
ACE25AA128G
Serial NOR Flash Memory
128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
44
Individual Block/Sector Lock (36H)/Unlock (39H)/Read (3DH)
The individual block/sector lock provides an alternative way to protect the memory array from adverse
Erase/Program. In order to use the Individual Block/Sector Locks, the WPS bit in Status Register-3 must
be set to 1. If WPS=0, the write protection will be determined by the combination of CMP, BP (4:0) bits in
the Status Register.
The Individual Block/Sector Lock bits are volatile bits. The default values after device power up or after a
Reset are1, so the entire memory array is being protected.
The individual Block/Sector Lock command (36H) sequence: CS# goes low SI: Sending individual
Block/Sector Lock command SI: Sending 24bits individual Block/Sector Lock Address CS# goes high.
The command sequence is shown in Figure 30.
The individual Block/Sector Unlock command (39H) sequence: CS# goes low SI: Sending individual
Block/Sector Unlock command SI: Sending 24bits individual Block/Sector Lock Address CS# goes high.
The com- mand sequence is shown in Figure 31.
Figure29. High Performance Mode Sequence Diagram
Figure29a. High Speed Mode Sequence Diagram(QPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com