Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE25AA128GFMLTH Datasheet(PDF) 48 Page - ACE Technology Co., LTD.

Part # ACE25AA128GFMLTH
Description  Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA128GFMLTH Datasheet(HTML) 48 Page - ACE Technology Co., LTD.

Back Button ACE25AA128GFMLTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 50Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 51Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 52Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
ACE25AA128G
Serial NOR Flash Memory
128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
48
Erase Security Registers (44H)
The ACE25AA128G provides four 256-byte Security Registers which only erased all at once but able to
program individually. These registers may be used by the system manufacturers to store security and
other important information separately from the main memory array.
The Erase Security Registers command is similar to Sector/Block Erase command. A Write Enable
(WREN) command must previously have been executed to set the Write Enable Latch (WEL) bit.
The Erase Security Registers command sequence: CS# goes low→sending Erase Security Registers
Command→CS# goes high. The command sequence is shown in Figure 35. CS# must be driven high
after the eighth bit of the command code has been latched in, otherwise the Erase Security Registers
command is not executed. As soon as CS# is driven high, the self-timed Erase Security Registers cycle
(whose duration is tSE) is initiated. While the Erase Security Registers cycle is in progress, the Status
Register may be read to check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP)
bit is 1 during the self-timed Erase Security Registers cycle, and is 0 when it is completed.
At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. The
Security Registers Lock Bit (LB1,LB0) in the Status Register can be used to OTP protect the security
registers. Once the LB bit is set to 1, the Erase Security Registers will be permanently locked; the Erase
Security Registers command will be ignored.
Address
A23-A16
A15-A10
A9-A0
Security Registers
00000000
000000
Don’Care
Figure34a. The Global Block/Sector Unlock Sequence Diagram(QPI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com