Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE25AA128GFMLTH Datasheet(PDF) 53 Page - ACE Technology Co., LTD.

Part # ACE25AA128GFMLTH
Description  Serial NOR Flash Memory 128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AA128GFMLTH Datasheet(HTML) 53 Page - ACE Technology Co., LTD.

Back Button ACE25AA128GFMLTH Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 50Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 51Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 52Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 53Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 54Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 55Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 56Page - ACE Technology Co., LTD. ACE25AA128GFMLTH Datasheet HTML 57Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
ACE25AA128G
Serial NOR Flash Memory
128 Megabits 3.0V Quad I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
53
Continuous Read Mode Reset (CRMR) (FFH)/ Disable QPI (FFH)/ Continuous Read Mode
Reset (CRMR) (FFH)
The Dual/Quad I/O Fast Read operations, “Continuous Read Mode” bits (M7-0) are implemented to
further reduce command overhead. By setting the (M7-0) to AXH, the next Dual/Quad I/O Fast Read
operations do not require the BBH/EBH/E7H command code.
Because the ACE25AA128G has no hardware reset pin, so if Continuous Read Mode bits are set to
“AXH”, the ACE25AA128G will not recognize any standard SPI commands. So Continuous Read Mode
Reset command will release the Continuous Read Mode from the “AXH” state and allow standard SPI
command to be recognized. The command sequence is show in Figure41.
Disable QPI (FFH)
To exit the QPI mode and return to Standard/Dual/Quad SPI mode, the “Disable QPI (FFH)” command
must be issued. When the device is switched from QPI mode to SPI mode, the existing Write Enable
Latch and Program/Erase Suspend status, and the Wrap Length setting will remain unchanged. When the
device is in QPI mode, the first FFH command will exit continuous read mode and the second FFH
command will exit QPI mode.
Figure41. Continuous Read Mode Reset Sequence Diagram
Figure41a. Disable QPI Mode Command Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com