Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OBD30M-R2000-4EP-V1V17-1L Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OBD30M-R2000-4EP-V1V17-1L
Description  2-D LiDAR Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBD30M-R2000-4EP-V1V17-1L Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OBD30M-R2000-4EP-V1V17-1L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBD30M-R2000-4EP-V1V17-1L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBD30M-R2000-4EP-V1V17-1L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBD30M-R2000-4EP-V1V17-1L Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBD30M-R2000-4EP-V1V17-1L Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Operation indicator
LED green
Data flow indicator
LED yellow: active ethernet
LED green: Ethernet link
Function indicator
LED red: fault
LED yellow: Q1 + Q2
Control elements
2 Button
Parameterization indicator
24 x 252 pixels , red
Electrical specifications
Operating voltage
UB
10 ... 30 V
Ripple
10 % within the supply tolerance
No-load supply current
I0
≤ 400 mA / 24 V DC
Power consumption
P0
< 10 W
Time delay before availability
tv
< 40 s
Integrated application
Application
Field monitoring
Number of fields
4
Response time
30 ms + 1 Scan duration
Detectable object shape
Almost any
Object size
> 1 mm
Linking fields
Up to 4 x 3 levels
Interface
Interface type
4 x switching inputs/outputs (selectable)
Input/Output
Input/output type
4 Inputs/Outputs , Independently configurable , short circuit/reverse polarity protected
Input
Switching threshold
low: Ue < 5 V,
high: Ue > 10 V
Output
Switching threshold
low: Ua < 1 V,
high: Ua > Ub - 1 V
Switching current
100 mA per output
Conformity
Laser safety
EN 60825-1:2014
Compliance with standards and directives
Standard conformity
Product standard
IEC 60947-5-2
Shock and impact resistance
EN 60068-2-6 EN 60068-2-27
Measurement accuracy
Measuring speed
54000 measurements per second
Angle resolution
0,071°; 0,15°; 0,2°
Repeat accuracy
< 12 mm
Approvals and certificates
Protection class
III (operating voltage 50 V)
UL approval
cULus Listed, Class 2 Power Source, Type 1 enclosure
CCC approval
CCC approval / marking not required for products rated ≤36 V
Ambient conditions
Ambient temperature
-10 ... 50 °C (14 ... 122 °F)
Storage temperature
-20 ... 70 °C (-4 ... 158 °F)
Relative humidity
95 % , no moisture condensation
Mechanical specifications
Housing width
106 mm
Housing height
116.5 mm
2-D LiDAR Sensor
OBD30M-R2000-4EP-V1V17-1L
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com