Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OBD30M-R2000-4EP-V1V17-1L Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # OBD30M-R2000-4EP-V1V17-1L
Description  2-D LiDAR Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBD30M-R2000-4EP-V1V17-1L Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  OBD30M-R2000-4EP-V1V17-1L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBD30M-R2000-4EP-V1V17-1L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBD30M-R2000-4EP-V1V17-1L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBD30M-R2000-4EP-V1V17-1L Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBD30M-R2000-4EP-V1V17-1L Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Technical Data
Degree of protection
IP65
Connection
4-pin, M12x1 connector, standard (supply) ,
8-pin, M12x1 connector, A-coded (MultiPort) ,
4-pin, M12x1 socket, D-coded (LAN)
Material
Housing
ABS + PC + Aluminum
Optical face
PMMA
Mass
approx. 0.8 kg
Connection Assignment
Power
Multiport
Ethernet
4
1
2
3
TD+
TD-
RD-
Shield
4
1
2
3
24 V DC
0 V DC
RD+
I/Q2
I/Q1
4
1
2
3
DNC
DNC
DNC
I/Q3
7
5
6
I/Q2
I/Q4
I/Q1
8
DNC
DNC = Do not connect
1
3
4
2
1
3
4
2
1
4
6
7
8
5
3
2
Assembly
1 Operating status
green
2 Fault indication
red
3 Menu button
4 Menu button
5 Q2 signal indicator
yellow
6 Q1 signal indicator
yellow
7 Laser outlet
2
6
1
4
3
5
7
Accessories
Schutzkappe LS610
Zubehoer
M12 protective cap set (connector + socket) for series LS610 / LS611
Funktionserdung
LS610/VDM100
Zubehoer
Function grounding for LS610 / LS611 / VDM100 series
V1SD-G-2M-PUR-ABG-
V45-G
Connection cable, M12 to RJ-45, PUR cable 4-pin, CAT5e
V1SD-G-5M-PUR-ABG-
V45-G
Connection cable, M12 to RJ-45, PUR cable 4-pin, CAT5e
V1SD-G-ABG-PG9
Cable connector, M12, 4-pin, D-coded, shielded, non pre-wired
V1-G-5M-PUR
Female cordset single-ended M12 straight A-coded, 4-pin, PUR cable grey
2-D LiDAR Sensor
OBD30M-R2000-4EP-V1V17-1L
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com