Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OBD30M-R2000-4EP-V1V17-1L Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OBD30M-R2000-4EP-V1V17-1L
Description  2-D LiDAR Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBD30M-R2000-4EP-V1V17-1L Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OBD30M-R2000-4EP-V1V17-1L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBD30M-R2000-4EP-V1V17-1L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBD30M-R2000-4EP-V1V17-1L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBD30M-R2000-4EP-V1V17-1L Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBD30M-R2000-4EP-V1V17-1L Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2-D LiDAR Sensor
OBD30M-R2000-4EP-V1V17-1L
< 4 freely programmable monitoring fields
< 4 inputs/outputs (selectable)
< High operating range
< High angle resolution
< 360°-angle of measurement
< Measuring method PRT (Pulse Ranging Technology)
R2000 Detection, 2-D LiDAR sensor for precise field monitoring, measuring range to object up to 30 m
with three M12 x 1 connector plugs
Function
Based on Pulse Ranging Technology (PRT), the sensor is powerful for measurements with a long range and a small light spot. The device scans
its environment over the complete measuring angle of 360°. Due to the high scanning frequency, this sensor type is suitable for advanced
applications. The device meets laser class 1 and is eye safe. Additional precautions to protect the operating personnel are not required. The
interactive all-round display integrated in the optical surface can freely display individual texts and graphics. A wide range of accessories enables
the sensor to be used in different applications. A PACTware device type manager (DTM) specially developed for this series offers extensive
configuration and diagnostic options.
Safety Information
Safety Information
Laser Class 1 Information
Maintenance and repairs should only be carried out by authorized service personnel!
Attach the device so that the warning is clearly visible and readable.
Caution – Use of controls or adjustments or performance of procedures other than those specified herein may result in hazardous radiation
exposure.
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - OBD30M-R2000-4EP-V1V17-1L

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OBD30M-R2000-1L-Y70112344 PF-OBD30M-R2000-1L-Y70112344 Datasheet
1Mb / 5P
2-D LiDAR Sensor
More results

Similar Description - OBD30M-R2000-4EP-V1V17-1L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAL6110-16 AD-ADAL6110-16 Datasheet
81Kb / 2P
16-Channel, LIDAR Signal Processor
logo
Pepperl+Fuchs Inc.
OBD60M-R2000-1L-Y70132754 PF-OBD60M-R2000-1L-Y70132754 Datasheet
1Mb / 5P
2-D LiDAR Sensor
OBD10M-R2000-4EP-V1V17 PF-OBD10M-R2000-4EP-V1V17 Datasheet
1Mb / 5P
2-D LiDAR Sensor
OBD30M-R2000-1L-Y70112344 PF-OBD30M-R2000-1L-Y70112344 Datasheet
1Mb / 5P
2-D LiDAR Sensor
OMD10M-R2000-B23-V1V1D PF-OMD10M-R2000-B23-V1V1D Datasheet
1Mb / 5P
2-D LiDAR Sensor
OMD6000-R2100-B16-2V15 PF-OMD6000-R2100-B16-2V15 Datasheet
820Kb / 4P
2-D LiDAR Sensor
OMD8000-R2100-B16-2V15 PF-OMD8000-R2100-B16-2V15 Datasheet
846Kb / 5P
2-D LiDAR Sensor
OMD8000-R2100-R2-2V15 PF-OMD8000-R2100-R2-2V15 Datasheet
873Kb / 5P
2-D LiDAR Sensor
logo
SparkFun Electronics
SEN-14786 SPARKFUN-SEN-14786 Datasheet
133Kb / 3P
TFMini - Micro LiDAR Module (Qwiic)
11??2??8
logo
SICK AG
TIM781-2174101 SICK-TIM781-2174101 Datasheet
597Kb / 9P
2D LIDAR SENSORS
2023-06-28
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com