Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1721S/T&R Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1721S/T&R
Description  2-Wire Digital Thermometer and Thermostat
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1721S/T&R Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1721S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 10Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 12Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 13Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 14Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DS1721
11 of 17
Stop Convert T [22h]
This command stops temperature conversion. No further data is required. This command may be used to
halt a DS1721 in continuous conversion mode. After issuing this command, the current temperature
measurement will be completed, stored and the DS1721 will remain idle until a Start Convert T is issued
to resume conversions.
DS1721 COMMAND SET Table 4
INSTRUCTION
DESCRIPTION
PROTOCOL
2-WIRE BUS DATA
AFTER ISSUING
PROTOCOL
NOTES
REGISTER COMMANDS
Access
Configuration
Writes to/Reads from 8-bit
configuration/status register
ACh
1 data byte
1
Access TH
Writes to/Reads from
12-bit TH register
A1h
1 or 2 data bytes
1, 3
Access TL
Writes to/Reads from
12-bit TL register
A2h
1 or 2 data bytes
1, 3
CONVERSION COMMANDS
Start Convert T
Initiates temperature
conversion
51h
idle
2
Stop Convert T
Terminates continuous
conversions
22h
idle
2
Read
Temperature
Reads 12-bit
Temperature register
AAh
Read 1 or 2 data bytes
3
NOTES:
1. Data direction depends upon R/ W bit in the 2-wire control byte.
2. In continuous conversion mode, a Stop Convert T command will halt continuous conversion. To
restart, the Start Convert T command must be issued. In one-shot mode, a Start Convert T command
must be issued for every temperature reading desired.
3. If the user only desires 8-bit thermometer readings, the master need only read 1 data byte and follow
with a NACK and STOP. If higher resolution is required, 2 bytes must be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com