Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1721S/T&R Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1721S/T&R
Description  2-Wire Digital Thermometer and Thermostat
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1721S/T&R Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1721S/T&R Datasheet HTML 1Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 2Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 3Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DS1721
5 of 17
The active state for the totem-pole output is programmable by the user. The power-up default of the
DS1721 has TH=80°C, TL=75°C, and the output state active high. Refer to the “OPERATION-
Programming” section for instructions in adjusting the thermostat setpoints and TCOM active state.
THERMOSTAT OUTPUT OPERATION Figure 2
OPERATION-Programming
There are two areas of interest in programming the DS1721: the Configuration/Status register and the
thermostat setpoints. All programming is done via the 2-wire interface using the protocols discussed in
the “Command Set” section.
Configuration/Status Register Programming
The configuration/status register is accessed via the Access Config (ACh) function command. Writing to
or reading from the register is determined by the R/ W bit of the 2-wire control byte (See “2-wire Serial
Data Bus” section). Data is read from or written to the configuration register MSb first. The format of the
register is illustrated below in Figure 3. The effect each bit has on DS1721 functionality is described
below along with the power-up state of the bit and its ability to be read or written to. The entire register is
volatile and will always power-up in the default state. Therefore, it is recommended that the user issue
any configuration programming commands immediately after power is cycled, before any other
commands are issued.
CONFIGURATION/STATUS REGISTER Figure 3
DONE
X
X
U
R1
R0
POL
1SHOT
MSb
LSb
1SHOT = Temperature Conversion Mode. If 1SHOT is "1", the DS1721 will perform and store one
temperature conversion upon reception of the Start Convert T (51h) command. If 1SHOT is "0", the
DS1721 will continuously perform temperature conversions and store the last completed result in the
Thermometer Register. The user has read/write access to the bit and the power-up default state is "0"
(continuous mode).
POL = TCOM Polarity Bit. If POL is "1", the active state of the TCOM output will be high. A "0" stored
in this location sets the thermostat output to an active low state. The user has read/write access to the
POL bit, and the power-up default state is "1" (active high).
U = Undefined. This bit is used internally by the DS1721. It will be a "0" at power-up and will change to
a "1" once the Start Convert T [51h] command is issued. This is a “Don’t Care” on a write; i.e. The
DS1721 will ignore writes to this location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com