Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1721S/T&R Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS1721S/T&R
Description  2-Wire Digital Thermometer and Thermostat
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1721S/T&R Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS1721S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 10Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 12Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 13Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 14Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 15Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 16Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
DS1721
14 of 17
ABSOLUTE MAXIMUM RATINGS*
Voltage on VDD, Relative to Ground
-0.3V to +6.0V
Voltage on any other pin, Related to Ground
-0.3V to +6.0V
Operating Temperature
-55°C to +125°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-55°C to +125°C; 2.7V
£ VDD £ 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VDD
2.7
5.5
V
1
DC ELECTRICAL CHARACTERISTICS
(-55°C to +125°C; 2.7V
£ VDD £ 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Input Logic High
VIH
0.7
VDD
VDD
+0.3
V
1
Input Logic Low
VIL
-0.5
0.3
VDD
V
1
VOL1
3 mA sink
current
0
0.4
V
1
SDA Output Logic
Low Voltage
VOL2
6 mA sink
current
0
0.6
V
1
VOH
1 mA source
current
2.4
V
1
TOUT Output Logic
Voltage
VOL
4 mA sink
current
0.4
V
1
Input Current Each
I/O Pin
0.4V
£ VI/O
£ 0.9 VDD
-10
+10
µA
2
I/O Capacitance
CI/O
10
pF
Standby Current
IDD1
0.8
µA
3, 4
Temperature
Conversions,
-55°C to +85°C
+85°C to +125°C
1000
1250
µA
3, 4
Communication
only
110
µA
3, 4
Active Current
IDD
EEPROM Write
400
µA
3,4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com