Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1721S/T&R Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # DS1721S/T&R
Description  2-Wire Digital Thermometer and Thermostat
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1721S/T&R Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button DS1721S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 10Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 11Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 12Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 13Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 14Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 15Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 16Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
DS1721
16 of 17
Capacitive Load for
each Bus Line
Cb
400
pF
8
Input Capacitance
CI
5
pF
NOTES:
1. All voltages are referenced to ground.
2. I/O pins of fast mode devices must not obstruct the SDA and SCL lines if VDD is switched off.
3. IDD specified with TOUT pin open.
4. IDD specified with VDD at 5.0V and SDA,SCL = 5.0V, 0°C to 70°C.
5. After this period, the first clock pulse is generated.
6. The maximum tHD:DAT has only to be met if the device does not stretch the LOW period (tLOW) of the
SCL signal.
7. A fast mode device can be used in a standard mode system, but the requirement tSU:DAT >250 ns must
then be met. This will automatically be the case if the device does not stretch the LOW period of the
SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next
data bit to the SDA line tR MAX+tSU:DAT 1000+250 = 1250 ns before the SCL line is released.
8. Cb - total capacitance of one bus line in pF.
TIMING DIAGRAMS Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com