Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AND9068 Datasheet(PDF) 4 Page - ON Semiconductor

Part # AND9068
Description  Reading ON Semiconductor IGBT Datasheets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND9068 Datasheet(HTML) 4 Page - ON Semiconductor

  AND9068 Datasheet HTML 1Page - ON Semiconductor AND9068 Datasheet HTML 2Page - ON Semiconductor AND9068 Datasheet HTML 3Page - ON Semiconductor AND9068 Datasheet HTML 4Page - ON Semiconductor AND9068 Datasheet HTML 5Page - ON Semiconductor AND9068 Datasheet HTML 6Page - ON Semiconductor AND9068 Datasheet HTML 7Page - ON Semiconductor AND9068 Datasheet HTML 8Page - ON Semiconductor AND9068 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AND9068/D
http://onsemi.com
3
Storage Temperature Range, Tstg
This is the temperature range in which the device may be
stored, without electrical bias, without reducing the life
expectancy of the device.
Lead Temperature for Soldering, TSLD
The maximum allowable soldering temperature is limited
by the thermal conduction from the leads to the junction and
die attach regions of the device. The maximum lead
temperature is also dependent on the duration for which the
soldering iron is applied to the lead. The maximum time for
application of the heat is specified in the conditions of this
rating.
THERMAL CHARACTERISTICS
Table 2. TABLE OF IGBT AND DIODE THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal resistance junction to case, for IGBT
Rth(j-c)
1.1
°C/W
Thermal resistance junction to case, for Diode
Rth(j-c)
2.4
°C/W
Thermal resistance junction to ambient
Rth(j-a)
60
°C/W
Thermal Resistance Junction−to−Case, Rth(j−c)
The value for the thermal resistance given in Table 2
represents the steady−state thermal resistance under dc
power conditions, applied to the IGBT. The thermal
resistance is derated for a square power pulse for reference
in designing pulse width modulated applications and is
described in the graph of thermal resistance for varying
pulse width and duty ratio, shown in Figure 2, below.
0.001
0.01
0.1
1
10
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
PULSE TIME (s)
SINGLE PULSE
Duty Factor = t1/t2
Peak TJ = PDM x ZqJC + TC
0.2
0.1
0.05
0.02
0.01
DUTY CYCLE = 0.5
Figure 2. IGBT Transient Thermal Response Curve for Varying Duty Ratio
For a copackaged device such as the NGTB15N60EG the
thermal resistance from the junction to case is specified
separately for the IGBT and the diode.
Thermal Resistance Junction−to−Ambient, Rth(j−a)
This is the entire thermal resistance from the silicon
junction−to−ambient.
Electrical Characteristics
Static Characteristics
The static, or dc, electrical characteristics are shown in
Table 3.
Table 3. IGBT STATIC ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
STATIC CHARACTERISTIC
Collector−emitter breakdown voltage,
gate−emitter short−circuited
VGE = 0 V, IC = 500 mA
V(BR)CES
600
V
Collector−emitter saturation voltage
VGE = 15 V , IC = 15 A
VGE = 15 V , IC = 15 A, TJ = 150°C
VCEsat
1.7
2.1
1.95
2.4
V
Gate−emitter threshold voltage
VGE = VCE , IC = 250 mA
VGE(th)
4.5
6.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com