Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLDN-20D1AX Datasheet(PDF) 21 Page - Bel Fuse Inc.

Part # SLDN-20D1AX
Description  0.45 ??5.5 VDC / 20 A Outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-20D1AX Datasheet(HTML) 21 Page - Bel Fuse Inc.

Back Button SLDN-20D1AX Datasheet HTML 17Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 18Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 19Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 20Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 21Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 22Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 23Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 24Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 25Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
SLDN-20D1A
21
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2021 Bel Power Solutions & Protection
BCD.20113_AD
The user must know which I2C addresses are reserved in a system for special functions and set the address of the module to avoid
interfering with other system operations. Both 100kHz and 400kHz bus speeds are supported by the module. Connection for the
Power Management Bus interface should follow the High Power DC specifications given in section 3.1.3 in the SMBus specification
V2.0 for the 400kHz bus speed or the Low Power DC specifications in section 3.1.2. The complete SMBus specification is available
from the SMBus web site, smbus.org.
Table 4.
Figure 46. Circuit showing connection of resistors used to set the Power Management Bus address of the module.
The module can also be turned on and off via the Power Management Bus interface. The OPERATION command is used to actually
turn the module on and off via the Power Management Bus, while the ON_OFF_CONFIG command configures the combination of
analog ON/OFF pin input and Power Management Bus commands needed to turn the module on and off. Bit [7] in the OPERATION
command data byte enables the module, with the following functions:
0 : Output is disabled
1 : Output is enabled
This module uses the lower five bits of the ON_OFF_CONFIG data byte to set various ON/OFF options as follows:
BIT POSITION
4
3
2
1
0
ACCESS
r/w
r/w
r/w
r/w
r
FUNCTION
PU
CMD
CPR
POL
CPA
DEFAULT VALUE
1
0
1
1
1
PU: Sets the default to either operate any time input power is present or for the ON/OFF to be controlled by the analog ON/OFF input
and the Power Management Bus OPERATION command. This bit is used together with the CP, CMD and ON bits to determine
startup.
ADDR0
SIG_GND
RADDR0
RADDR1
ADDR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com