Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLDN-20D1AX Datasheet(PDF) 39 Page - Bel Fuse Inc.

Part # SLDN-20D1AX
Description  0.45 ??5.5 VDC / 20 A Outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-20D1AX Datasheet(HTML) 39 Page - Bel Fuse Inc.

Back Button SLDN-20D1AX Datasheet HTML 35Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 36Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 37Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 38Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 39Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 40Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 41Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 42Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 43Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
SLDN-20D1A
39
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2021 Bel Power Solutions & Protection
BCD.20113_AD
The SLDN-20D1A power modules operate in a variety of thermal environments; however, sufficient cooling should always be provided
to help ensure reliable operation.
Considerations include ambient temperature, airflow, module power dissipation, and the need for increased reliability. A reduction in
the operating temperature of the module will result in an increase in reliability. The thermal data presented here is based on physical
measurements taken in a wind tunnel. The test set-up is shown in Figure 47. The preferred airflow direction for the module is in
Figure 48.
Air
flow
x
Power Module
Wind Tunnel
PWBs
12.7_
(0.50)
76.2_
(3.0)
Probe Location
for measuring
airflow and
ambient
temperature
25.4_
(1.0)
Figure 47. Thermal Test Setup
Figure 48. Preferred airflow direction and location of hot-spot of
the module(Tref).
The thermal reference points, Tref used in the specifications are also shown in Figure 49. For reliable operation the temperatures at
these points should not exceed 120 °C. The output power of the module should not exceed the rated power of the module (Vo,set x
Io,max).
Please refer to the Application Note “Thermal Characterization Process For Open-Frame Board-Mounted Power Modules” for a
detailed discussion of thermal aspects including maximum device temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com