Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLDN-20D1AX Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # SLDN-20D1AX
Description  0.45 ??5.5 VDC / 20 A Outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-20D1AX Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button SLDN-20D1AX Datasheet HTML 4Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 5Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 6Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 7Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 8Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 9Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 10Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 11Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
8
SLDN-20D1A
tech.support@psbel.com
TIME, t (1s/div)
TIME, t (1s/div)
Figure 13. Vo = 0.6 V, Io = Io, max
Figure 14. Vo = 1.2 V, Io = Io, max
TIME, t (1s/div)
TIME, t (1s/div)
Figure 15. Vo = 1.8 V, Io = Io, max
Figure 16. Vo = 2.5 V, Io = Io, max
TIME, t (1s/div)
TIME, t (1s/div)
Figure 17. Vo = 3.3 V, Io = Io, max
Figure 18. Vo = 5.0 V, Io = Io, max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com