Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLDN-20D1AX Datasheet(PDF) 36 Page - Bel Fuse Inc.

Part # SLDN-20D1AX
Description  0.45 ??5.5 VDC / 20 A Outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-20D1AX Datasheet(HTML) 36 Page - Bel Fuse Inc.

Back Button SLDN-20D1AX Datasheet HTML 32Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 33Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 34Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 35Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 36Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 37Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 38Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 39Page - Bel Fuse Inc. SLDN-20D1AX Datasheet HTML 40Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
36
SLDN-20D1A
tech.support@psbel.com
Hex
Code
Command
Brief Description
Non-Volatile
Memory
Storage
7A
STATUS_VOUT
Returns one byte of information with the status of the module’s output voltage
related faults
Format
Unsigned Binary
Bit Position
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r
r
r
Flag
VOUT_OV
X
X
VOUT_UV
X
X
X
X
Default Value
0
0
0
0
0
0
0
0
7B
STATUS_IOUT
Returns one byte of information with the status of the module’s output current
related faults
Format
Unsigned Binary
Bit Position
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r
r
r
Flag
IOUT_OC
X
IOUT_OC_WARN X
X
X
X
X
Default Value
0
0
0
0
0
0
0
0
7D
STATUS_TEMPERATURE
Returns one byte of information with the status of the module’s temperature
related faults
Format
Unsigned Binary
Bit Position
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r
r
r
Flag
OT_FAULT
OT_WARN
X
X
X
X
X
X
Default Value
0
0
0
0
0
0
0
0
7E
STATUS_CML
Returns one byte of information with the status of the module’s communication
related faults
Format
Unsigned Binary
Bit Position
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r
r
r
Flag
Invalid
Command
Invalid
Data
PEC
Fail
X
X
X
Other
Comm
Fault
X
Default Value
0
0
0
0
0
0
0
0
88
READ_VIN
Returns the value of the input voltage applied to the module
Format
Linear, two’s complement binary
Bit Position
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r
r
r
Function
Exponent
Mantissa
Default Value
1
1
0
1
1
0
0
0
Bit Position
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r
r
r
Function
Mantissa
Default Value
0
0
0
0
0
0
0
0
8B
READ_VOUT
Returns the value of the output voltage of the module
Format
Linear, two’s complement binary
Bit Position
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r
r
r
Function
Mantissa
Default Value
0
0
0
0
0
0
0
0
Bit Position
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r
r
r
Function
Mantissa
Default Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com