Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30261LDF1 Datasheet(PDF) 31 Page - Microchip Technology

Part # ZL30261LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30261LDF1 Datasheet(HTML) 31 Page - Microchip Technology

Back Button ZL30261LDF1 Datasheet HTML 27Page - Microchip Technology ZL30261LDF1 Datasheet HTML 28Page - Microchip Technology ZL30261LDF1 Datasheet HTML 29Page - Microchip Technology ZL30261LDF1 Datasheet HTML 30Page - Microchip Technology ZL30261LDF1 Datasheet HTML 31Page - Microchip Technology ZL30261LDF1 Datasheet HTML 32Page - Microchip Technology ZL30261LDF1 Datasheet HTML 33Page - Microchip Technology ZL30261LDF1 Datasheet HTML 34Page - Microchip Technology ZL30261LDF1 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 94 page
background image
ZL30260-ZL30263
Data Sheet
31
© 2021 Microchip Technology Inc.
DS20006554A
6.1.3
Multiregister Fields
Multiregister fields
—such as AFBDIV[41:0] in registers AFBDIV1 through AFBDIV6—must be handled carefully to
ensure that the bytes of the field remain consistent during writes. A write access to a multiregister field is
accomplished by writing all the registers of the field in order from smallest address to largest. Writes to registers other
than the last register in the field (i.e. the register with the largest address) are stored in a transfer register. When the
last register of the field is written, the entire multiregister field is updated simultaneously from the transfer register. If
the last register of the field is not written, the field is not updated.
Read accesses from multiregister fields are the same as normal registers since the multiregister fields are not
modified by the device.
An exception for AFBDIV happens when AFBDL.RDCUR=1. In this case reads come directly from the internal logic
and don’t affect the transfer register. Writes behave the same as above.
The multiregister fields are:
Field
Registers
Type
AFBDIV[41:0]
AFBDIV1 to AFBDIV6
Read/Write
FDIV[39:0]
F1DIV1 to F1DIV5
Read/Write
6.1.4
Bank-Switched Registers (ZL30261 and ZL30263 Only)
The EESEL register is a bank-select control field that maps the device registers into the memory map at address 0x1
and above when the EESEL bit is 0 and maps the EEPROM memory into the memory map at address 0x1 and above
when the EESEL bit is 1. The EESEL register itself is always in the memory map at address 0x0.
6.2
Register Map
Table 4 - Register Map
ADDR
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Global Configuration Registers
00h
EESEL
EESEL
—
—
—
—
—
—
—
01
MCR1
SRST
HRST
STOP
—
ROSCD
AINCDIS
ODMISO
—
02
MCR2
XAMCK
IC3MCK
IC2MCK
IC1MCK
—
DBL
XAB[1:0]
03
PLLEN
—
—
—
—
—
—
—
APLLEN
04
ICEN
—
—
—
—
—
IC3EN
IC2EN
IC1EN
05
OCEN1
OC8EN
OC7EN
OC6EN
OC5EN
OC4EN
OC3EN
OC2EN
OC1EN
06
OCEN2
—
—
—
—
—
—
OC10EN
OC9EN
07
OCMUX1
—
—
OCMUXC[1:0]
OCMUXB[1:0]
OCMUXA[1:0]
08
OCMUX2
—
—
OCMUXF[1:0]
OCMUXE[1:0]
OCMUXD[1:0]
09
STOPCR1
OC8
OC7
OC6
OC5
OC4
OC3
OC2
OC1
0A
STOPCR2
—
—
—
—
—
—
OC10
OC9
0B
GPIOCR1
GPIO1C[3:0]
GPIO0C[3:0]
0C
GPIOCR2
GPIO3C[3:0]
GPIO2C[3:0]
0D
GPIO0SS
REG[4:0]
BIT[2:0]
0E
GPIO1SS
REG[4:0]
BIT[2:0]
0F
GPIO2SS
REG[4:0]
BIT[2:0]
10
GPIO3SS
REG[4:0]
BIT[2:0]
11
I2CA
—
I2CA[6:0]
Status Registers
30
ID1
IDU[7:0]
31
ID2
IDL[3:0]
REV[3:0]
40
CFGSR
CFGD
—
IF[1:0]
TEST
AC[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com