Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30261LDF1 Datasheet(PDF) 5 Page - Microchip Technology

Part # ZL30261LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30261LDF1 Datasheet(HTML) 5 Page - Microchip Technology

  ZL30261LDF1 Datasheet HTML 1Page - Microchip Technology ZL30261LDF1 Datasheet HTML 2Page - Microchip Technology ZL30261LDF1 Datasheet HTML 3Page - Microchip Technology ZL30261LDF1 Datasheet HTML 4Page - Microchip Technology ZL30261LDF1 Datasheet HTML 5Page - Microchip Technology ZL30261LDF1 Datasheet HTML 6Page - Microchip Technology ZL30261LDF1 Datasheet HTML 7Page - Microchip Technology ZL30261LDF1 Datasheet HTML 8Page - Microchip Technology ZL30261LDF1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
ZL30260-ZL30263
Data Sheet
5
© 2021 Microchip Technology Inc.
DS20006554A
1. Application Example
Figure 2 - Application Example: PCIe and Ethernet Clocks for Server Application
2. Detailed Features
2.1
Input Clock Features
•
Four input clocks: one crystal/CMOS, two differential/CMOS, one single-ended/CMOS
•
Input clocks can be any frequency from 9.72MHz to 1250MHz (differential) or 300MHz (single-ended)
•
Supported telecom frequencies include PDH, SDH, Synchronous Ethernet, OTN, wireless
•
Activity monitor and glitchless input switching
2.2
APLL Features
•
Very high-resolution fractional (i.e. non-integer) frequency multiplication
•
Any-to-any frequency conversion with 0ppm error
•
Two APLL output dividers: one integer divider (4 to 15 plus half divides 4.5 to 7.5) and one fractional
•
Easy-to-configure, completely encapsulated design requires no external VCXO or loop filter
•
Bypass mode supports system testing
2.3
Output Clock Features
•
Six (ZL30260 or ZL30261) or ten (ZL30262 or ZL30263) low-jitter output clocks
•
Each output can be one differential output or two CMOS outputs
•
Output clocks can be any frequency from 1Hz to 1045MHz (250MHz max for HCSL, CMOS and HSTL)
•
Output jitter from integer multiply and integer dividers as low as 0.17ps RMS (12kHz to 20MHz)
•
Output jitter from fractional dividers is typically <1ps RMS, many frequencies <0.5ps RMS (12kHz to
20MHz)
•
In CMOS mode, the OCxP and OCxN pins can be different divisors (Example 1: OC3P 125MHz, OC3N
25MHz; Example 2: OC3P 25MHz, OC3N 1Hz/1PPS)
•
Outputs directly interface (DC coupled) with LVDS, LVPECL, HSTL, HCSL and CMOS components
•
Supported telecom frequencies include PDH, SDH, Synchronous Ethernet, OTN
•
Can produce clock frequencies for microprocessors, ASICs, FPGAs and other components
•
Can produce PCIe-compliant clocks (PCIe 1, 2, 3, 4 and 5)
•
Sophisticated output-to-output phase alignment
•
Per-output phase adjustment
•
Per-output enable/disable
•
Per-output glitchless start/stop (stop high or low)
2.4
General Features
•
SPI or I2C serial microprocessor interface
•
Automatic self-configuration at power-up; pin control to specify one of 8 stored configurations
ZL30260 and ZL30262: preset configurations in ROM or user configurations in external EEPROM
ZL30261 and ZL30263: user configurations in internal EEPROM
•
Numerically controlled oscillator (NCO) mode allows system software to steer DPLL frequency with
resolution better than 0.01ppb (1ppt can be achieved with fractional output divider value >14.56)
•
Spread-spectrum modulation mode (meets PCI Express requirements)
•
Zero-delay buffer configuration using an external feedback path
•
Four general-purpose I/O pins each with many possible status and control options
•
Reference can be fundamental-mode crystal, low-cost XO or clock signal from elsewhere in the system
XO
4x 156.25MHz differential
100MHz CMOS
2x 25MHz differential
2x 100MHz differential
25MHz CMOS
ZL30263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com