Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30261LDF1 Datasheet(PDF) 9 Page - Microchip Technology

Part # ZL30261LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30261LDF1 Datasheet(HTML) 9 Page - Microchip Technology

Back Button ZL30261LDF1 Datasheet HTML 5Page - Microchip Technology ZL30261LDF1 Datasheet HTML 6Page - Microchip Technology ZL30261LDF1 Datasheet HTML 7Page - Microchip Technology ZL30261LDF1 Datasheet HTML 8Page - Microchip Technology ZL30261LDF1 Datasheet HTML 9Page - Microchip Technology ZL30261LDF1 Datasheet HTML 10Page - Microchip Technology ZL30261LDF1 Datasheet HTML 11Page - Microchip Technology ZL30261LDF1 Datasheet HTML 12Page - Microchip Technology ZL30261LDF1 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
ZL30260-ZL30263
Data Sheet
9
© 2021 Microchip Technology Inc.
DS20006554A
Pin #
Name
Type
Description
SPI MOSI: When the device is configured as a SPI slave, an external SPI
master sends commands, addresses and data to the device on MOSI. When
the device is configured as a SPI master (ZL30260, ZL30262 only), the
device sends commands, addresses and data on MOSI to an external SPI
EEPROM during auto-configuration.
11,17,
32,42
VDDH
P
Higher Core Power Supply. 2.5V or 3.3V
5%. When VDDH=3.3V the
device has additional internal power supply regulators enabled.
4,10,
14,31,
33,39,
49,50,
51
VDDL
P
Lower Core Power Supply. 1.8V
5% or same voltage as VDDH.
30
VDDIO
P
Digital Power Supply for Non-Clock I/O Pins. 1.8V to VDDH.
7
VDDOA
P
Power Supply for OC1P/N and OC2P/N. 1.5V to VDDH.
1
VDDOB
P
Power Supply for OC3P/N. 1.5V to VDDH.
54
VDDOC
P
Power Supply for OC4P/N and OC5P/N. 1.5V to VDDH.
46
VDDOD
P
Power Supply for OC6P/N and OC7P/N. 1.5V to VDDH.
43
VDDOE
P
Power Supply for OC8P/N. 1.5V to VDDH.
36
VDDOF
P
Power Supply for OC9P/N and OC10P/N. 1.5V to VDDH.
E-pad
VSS
P
Ground. 0 Volts.
Important Note: The voltages on VDDL, VDDIO, and all VDDOx pins must not exceed VDDH. Not complying with
this requirement may damage the device.
5. Functional Description
5.1
Device Identification
The 12-bit read-only ID field and the 4-bit revision field are found in the ID1 and ID2 registers. Contact the factory to
interpret the revision value and determine the latest revision.
5.2
Pin-Controlled Automatic Configuration at Reset
The device configuration is determined at reset (i.e. on the rising edge of RSTN) by the signal levels on these device
pins: TEST/GPIO3, AC2/GPIO2, AC1/GPIO1, AC0/GPIO0, IF1/MISO and IF0/CSN. For these pins, the first name
(TEST, AC2, AC1, AC0, IF1, IF0) indicates their function when they are sampled by the rising edge of the RSTN pin.
The second name refers to their function after reset. The values of these pins are latched into the CFGSR register
when RSTN goes high. To ensure the device properly samples the reset values of these pins, the following guidelines
should be followed:
1.
Any pullup or pulldown resistors used to set the value of these pins at reset should be 1k
.
2.
RSTN must be asserted at least as long as specified in section 5.9.
The hardware configuration pins are grouped into three sets:
1.
TEST - Manufacturing test mode
2.
IF[1:0]
– Microprocessor interface mode and I2C address
3.
AC[2:0]
– Auto-config configuration number (0 to 7)
The TEST pin selects manufacturing test modes when TEST=1 (the AC[2:0] pins specify the test mode). For ZL30261
and ZL30263 (devices with internal EEPROM), TEST=1, AC[2:0]=000, IF[1:0]=11 configures the part so that
production SPI EEPROM programmers can program the internal EEPROM (see section 5.11.2). TEST=1 and
AC[2:0]=011 causes the part to start normally except it does not auto-configure from EEPROM or ROM. For more
information about auto-configuration from EEPROM or ROM see section 5.11.
For all of these pins Microchip recommends that board designs include component sites for both pullup and pulldown
resistors (only one or the other populated per pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com