Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30261LDF1 Datasheet(PDF) 52 Page - Microchip Technology

Part # ZL30261LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30261LDF1 Datasheet(HTML) 52 Page - Microchip Technology

Back Button ZL30261LDF1 Datasheet HTML 48Page - Microchip Technology ZL30261LDF1 Datasheet HTML 49Page - Microchip Technology ZL30261LDF1 Datasheet HTML 50Page - Microchip Technology ZL30261LDF1 Datasheet HTML 51Page - Microchip Technology ZL30261LDF1 Datasheet HTML 52Page - Microchip Technology ZL30261LDF1 Datasheet HTML 53Page - Microchip Technology ZL30261LDF1 Datasheet HTML 54Page - Microchip Technology ZL30261LDF1 Datasheet HTML 55Page - Microchip Technology ZL30261LDF1 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 94 page
background image
ZL30260-ZL30263
Data Sheet
52
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
ACR2
Register Description:
APLL Configuration Register 2
Register Address:
101h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
—
—
—
INTDIV[3:0]
Default
0
0
0
0
0
1
0
0
Bits 3 to 0: APLL Integer Divider (INTDIV[3:0]). This field controls the
APLL’s integer divider (see Figure 5). See
section 5.5.4.
0000 = Divide by 4
1000 = Divide by 8
0001 = Divide by 4.5
1001 = Divide by 9
0010 = Divide by 5
1010 = Divide by 10
0011 = Divide by 5.5
1011 = Divide by 11
0100 = Divide by 6 (default)
1100 = Divide by 12
0101 = Divide by 6.5
1101 = Divide by 13
0110 = Divide by 7
1110 = Divide by 14
0111 = Divide by 7.5
1111 = Divide by 15
Register Name:
ACR3
Register Description:
APLL Configuration Register 3
Register Address:
102h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
INMON
EXTSW
ALTMUX[2:0]
APLLMUX[2:0]
Default
0
0
0
0
0
0
1
1
Bit 7: APLL Input Monitor Switching Mode (INMON). This bit enables the APLL input monitor loss of signal
reference switching mode. In this mode, if the input specified by the APLLMUX field satisfies the loss-of-signal
condition, the APLL input mux will switch to the input specified by the ALTMUX field. See section 5.5.3.
Bit 6: APLL External Switching Mode (EXTSW). This bit enables APLL external reference switching mode. In this
mode, if the selected GPIO signal is low the APLL input mux is controlled by ACR3.APLLMUX. If the selected GPIO
signal is high the APLL input mux is controlled by ACR3.ALTMUX. ACR1.EXTSS specifies which GPIO pin controls
this behavior. See section 5.5.3.
Bits 5 to 3: APLL Alternate Mux Control (ALTMUX[2:0]). This field specifies the alternate APLL clock source for
external switching (when EXTSW=1) and for automatic switching based on monitor status (when EXTSW=0 an
INMON=1). See section 5.5.3.
000 = IC1 input (default)
001 = IC2 input
010 = IC3 input
011 = XA not doubled
100 = XA doubled (must have MCR2.DBL =1)
101-111 = {reserved values}
Bits 2 to 0: APLL Mux Control (APLLMUX[2:0]). By default this field controls the APLL input mux. It also specifies
the primary APLL clock source for external switching (when EXTSW=1) and for automatic switching based on monitor
status (when EXTSW=0 and INMON=1). See section 5.5.3.
000 = IC1 input
001 = IC2 input
010 = IC3 input
011 = XA not doubled (default)
100 = XA doubled (must have MCR2.DBL =1)
101-111 = {reserved values}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com