Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30262LDF1 Datasheet(PDF) 22 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 22 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 18Page - Microchip Technology ZL30262LDF1 Datasheet HTML 19Page - Microchip Technology ZL30262LDF1 Datasheet HTML 20Page - Microchip Technology ZL30262LDF1 Datasheet HTML 21Page - Microchip Technology ZL30262LDF1 Datasheet HTML 22Page - Microchip Technology ZL30262LDF1 Datasheet HTML 23Page - Microchip Technology ZL30262LDF1 Datasheet HTML 24Page - Microchip Technology ZL30262LDF1 Datasheet HTML 25Page - Microchip Technology ZL30262LDF1 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 94 page
background image
ZL30260-ZL30263
Data Sheet
22
© 2021 Microchip Technology Inc.
DS20006554A
When MSDIV=0, OCxSTOP.MODE=11 (stop high then go high-impedance) can be used to make outputs high-
impedance, but the
action won’t necessarily be glitchless. To use this behavior to get “stop low then go-impedance”
behavior, OCxCR2.POL can be set to 1.
Note that when OCxCR3.NEGLSD=1 the start-stop logic is bypassed for the OCxN pin, and OCxN may not start/stop
without glitches.
Each output has a status register (OCxSR) with several stop/start status bits. The STOPD bit is a real-time status bit
indicating stopped or not stopped. The STOPL bit is a latched status bit that is set when the output clock has stopped.
The STARTL bit is a latched status bit that is set when the output clock has started.
5.7
Microprocessor Interface
The device can communicate over a SPI interface or an I2C interface.
In SPI mode ZL3026x devices without internal EEPROM can be configured at reset to be a SPI slave to a processor
master or a SPI master to an external EEPROM slave. (SPI master operation changes to SPI slave operation after
auto-configuration from the external EEPROM is complete.) The ZL3026x devices with internal EEPROM can only
be configured as a SPI slave to a processor master. All devices are always slaves on the I2C bus.
Section 5.2 describes reset pin settings required to configure the device for these interfaces.
5.7.1
SPI Slave
The device can present a SPI slave port on the CSN, SCLK, MOSI, and MISO pins. SPI is a widely used master/slave
bus protocol that allows a master and one or more slaves to communicate over a serial bus. SPI masters are typically
microprocessors, ASICs or FPGAs. Data transfers are always initiated by the master, which also generates the SCLK
signal. The device receives serial data on the MOSI (Master Out Slave In) pin and transmits serial data on the MISO
(Master In Slave Out) pin. MISO is high impedance except when the device is transmitting data to the bus master.
Bit Order. The register address and all data bytes are transmitted most significant bit first on both MOSI and MISO.
Clock Polarity and Phase. The device latches data on MOSI on the rising edge of SCLK and updates data on
MISO on the falling edge of SCLK. SCLK does not have to toggle between accesses, i.e., when CSN is high.
Device Selection. Each SPI device has its own chip-select line. To select the device, the bus master drives its CSN
pin low.
Command and Address. After driving CSN low, the bus master transmits an 8-bit command followed by a 16-bit
register address. The available commands are shown below.
Table 3 - SPI Commands
Command
Hex
Bit Order, Left to Right
Write Enable
0x06
0000 0110
Write
0x02
0000 0010
Read
0x03
0000 0011
Read Status
0x05
0000 0101
Read Transactions. The device registers are accessible when EESEL=0. On ZL3026x devices with internal
EEPROM, the EEPROM memory is accessible when the EESEL bit is 1. On ZL3026x devices without internal
EEROM, the EESEL bit must be set to 0. After driving CSN low, the bus master transmits the read command followed
by the 16-bit address. The device then responds with the requested data byte on MISO, increments its address
counter, and prefetches the next data byte. If the bus master continues to demand data, the device continues to
provide the data on MISO, increment its address counter, and prefetch the following byte. The read transaction is
completed when the bus master drives CSN high. See Figure 6.
Register Write Transactions. The device registers are accessible when EESEL=0. After driving CSN low, the bus
master transmits the write command followed by the 16-bit register address followed by the first data byte to be
written. The device receives the first data byte on MOSI, writes it to the specified register, increments its internal
address register, and prepares to receive the next data byte. If the master continues to transmit, the device continues
to write the data received and increment its address counter. The write transaction is completed when the bus master
drives CSN high. See Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com