Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30262LDF1 Datasheet(PDF) 54 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 54 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 50Page - Microchip Technology ZL30262LDF1 Datasheet HTML 51Page - Microchip Technology ZL30262LDF1 Datasheet HTML 52Page - Microchip Technology ZL30262LDF1 Datasheet HTML 53Page - Microchip Technology ZL30262LDF1 Datasheet HTML 54Page - Microchip Technology ZL30262LDF1 Datasheet HTML 55Page - Microchip Technology ZL30262LDF1 Datasheet HTML 56Page - Microchip Technology ZL30262LDF1 Datasheet HTML 57Page - Microchip Technology ZL30262LDF1 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 94 page
background image
ZL30260-ZL30263
Data Sheet
54
© 2021 Microchip Technology Inc.
DS20006554A
Bit 4: Read Current AFBDIV Value (RDCUR). See section 5.5.7. The system must not cause any frequency
increments or decrements during the read of the current APLL feedback divider value; otherwise the bytes of the
value read may not be coherent.
0 = Read the original APLL feedback divider value written to the AFBDIV registers by system software
1 = Read the current APLL feedback divider value after increments and decrements
Bits 2 to 0: APLL Feedback Divider Write Length (AFBDL[2:0]). This field indicates the last register to write of
the AFBDIV multiregister field
where “last register” is as described in section 6.1.3. The number of the last register
to write is AFBDL+1. The default of 5 specifies AFBDIV6 as described in section 6.1.3. Changing this field from its
default value can be useful in NCO mode to reduce SPI or I2C bus usage when NCO changes only affect the least
significant bytes of AFBDIV.
Register Name:
AFBDIV1
Register Description:
APLL Feedback Divider Register 1
Register Address:
106h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
AFBDIV[7:0]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: APLL Feedback Divider Register (AFBDIV[7:0]). The full 42-bit AFBDIV[41:0] field spans the AFBDIV1
through AFBDIV6 registers. AFBDIV is an unsigned number with 9 integer bits (AFBDIV[41:33]) and up to 33
fractional bits. AFBDIV specifies the fixed-point term of the APLL's fractional feedback divide value. The value
AFBDIV=0 is undefined. Unused least significant bits must be written with 0. See section 5.5.4.
Register Name:
AFBDIV2
Register Description:
APLL Feedback Divider Register 2
Register Address:
107h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
AFBDIV[15:8]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: APLL Feedback Divider Register (AFBDIV[15:8]). See the AFBDIV1 register description.
Register Name:
AFBDIV3
Register Description:
APLL Feedback Divider Register 3
Register Address:
108h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
AFBDIV[23:16]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: APLL Feedback Divider Register (AFBDIV[23:16]). See the AFBDIV1 register description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com