Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30262LDF1 Datasheet(PDF) 78 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 78 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 74Page - Microchip Technology ZL30262LDF1 Datasheet HTML 75Page - Microchip Technology ZL30262LDF1 Datasheet HTML 76Page - Microchip Technology ZL30262LDF1 Datasheet HTML 77Page - Microchip Technology ZL30262LDF1 Datasheet HTML 78Page - Microchip Technology ZL30262LDF1 Datasheet HTML 79Page - Microchip Technology ZL30262LDF1 Datasheet HTML 80Page - Microchip Technology ZL30262LDF1 Datasheet HTML 81Page - Microchip Technology ZL30262LDF1 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 94 page
background image
ZL30260-ZL30263
Data Sheet
78
© 2021 Microchip Technology Inc.
DS20006554A
Table 8 - Electrical Characteristics: XA Clock Input
This table covers the case when there is no external crystal connected and an external oscillator or clock signal is connected to the XA pin.
Characteristics
Symbol
Min.
Typ.
Max.
Units
Notes
Input high voltage, XA
V
IH
1.2
VDDH
V
VDDH=2.5 or 3.3V
Input low voltage, XA
V
IL
0.8
V
VDDH=2.5 or 3.3V
Input frequency, XA pin to APLL mux
fIN
9.72
156.25
MHz
Input frequency, XA pin to bypass mux
fIN
156.25
MHz
Input leakage current
IIL
-10
10
A
Input duty cycle
40
60
%
Note 1
Note 1:
1.0V threshold. See section 5.3.3 for duty cycle restrictions when using the XA doubler with low input frequencies.
Table 9 - Electrical Characteristics: Clock Inputs, ICxP/N
Characteristics
Symbol
Min.
Typ.
Max.
Units
Notes
Input voltage tolerance (each pin, single-ended)
VTOL
0
VDDH
V
Note 1
Input differential voltage
VID
0.1
1.4
V
Note 2
Input DC bias voltage (internally biased)
V
CMI
1.35
V
Input frequency, ICx pins
fIN
9.72
1250
MHz
Differential
9.72
300
MHz
Single-ended
Minimum input clock high, low time,
fIN
 250MHz
tH, tL
smaller of
3ns or 0.3 x 1
/ fIN
ns
Minimum input clock high, low time,
250MHz
 fIN  750MHz
tH, tL
0.4*1 / fIN
ns
Minimum input clock high, low time,
fIN
 750MHz
tH, tL
0.45*1 / fIN
ns
Input resistance, single-ended to 1.8V, ICxP or ICxN
RIN18
50
k
Input resistance, single-ended to VSS, ICxP or ICxN
RINVSS
80
k
Note 1:
The device can tolerate voltages as specified in V
TOL w.r.t. VSS on its ICxP and ICxN pins without being damaged.
For differential input signals, proper operation of the input circuitry is only guaranteed when the other specifications in this table,
including V
ID, are met.
Note 2:
For inputs IC1P/N and IC2P/N V
ID
=|V
ICxP
– V
ICxN|
. For input IC3P, V
ID
=|V
IC3P
– V
CMI
|. The max VID spec only applies when a
differential signal is applied on ICxP/N; it does not apply when a single-ended signal is applied on ICxP.
Note 3:
Differential signals. The differential inputs can easily be interfaced to neighboring ICs driving LVDS, LVPECL, CML, HCSL, HSTL
or other differential signal formats using a few external passive components. In general, Microchip recommends terminating the
signal with the termination/load recommended in the neighbori
ng component’s data sheet and then AC-coupling the signal into the
ICxP/ICxN pins. See Figure 15 for details. To connect a differential signal to IC3, AC-couple one side of the signal to IC3P and AC-
couple the other side to VSS. For DC-coupling, treat the input as 1.8V CML.
Note 4:
Single-ended signals can be connected to the ICxP pins. Signals with amplitude greater than 2.5V must be DC-coupled. For signals
with amplitudes less than 2.5V Microchip recommends AC-coupling but DC-coupling can also be used. When a single-ended signal
is connected to ICxP, ICxN should be connected to a capacitor (0.1
F or 0.01F) to VSS.
Figure 14 - Electrical Characteristics: Clock Inputs
VDD33
VICxP
VICxN
VID
VSS
VCMI
tH, tL
VTOL
1/fIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com