Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL30262LDF1 Datasheet(PDF) 51 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 51 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 47Page - Microchip Technology ZL30262LDF1 Datasheet HTML 48Page - Microchip Technology ZL30262LDF1 Datasheet HTML 49Page - Microchip Technology ZL30262LDF1 Datasheet HTML 50Page - Microchip Technology ZL30262LDF1 Datasheet HTML 51Page - Microchip Technology ZL30262LDF1 Datasheet HTML 52Page - Microchip Technology ZL30262LDF1 Datasheet HTML 53Page - Microchip Technology ZL30262LDF1 Datasheet HTML 54Page - Microchip Technology ZL30262LDF1 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 94 page
background image
ZL30260-ZL30263
Data Sheet
51
© 2021 Microchip Technology Inc.
DS20006554A
6.3.3
APLL Configuration Registers
Register Name:
ACR1
Register Description:
APLL Configuration Register 1
Register Address:
100h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
ENFID
DALIGN
EXTSS[1:0]
USEFDIV
ENFDIV
BYPASS
INDBL
Default
0
0
0
0
0
0
0
0
Bit 7: Enable Frequency Increment/Decrement (ENFID). This bit enables frequency increment/decrement
behavior as described in section 5.5.7.
Bit 6: Align Output Dividers (DALIGN). A 0-to-1 transition on this bit causes a simultaneous reset of the medium-
speed dividers and the low-speed dividers for all output clocks where OCxCR1.PHEN=1. After this reset all PHEN=1
output clocks with frequencies that are exactly integer multiples of one another will be rising-edge aligned as specified
by their OCxPH registers. This bit should be set then cleared once during system startup. Setting this bit during
normal system operation can cause phase jumps in the output clock signals.
Bits 5 to 4: External Switch Source Select (EXTSS[1:0]). This field selects the GPIO source for the external switch
control signal. It is only valid when ACR3.EXTSW=1. See section 5.5.1.
00 = GPIO0
01 = GPIO1
10 = GPIO2
11 = GPIO3
Bit 3: Use Fractional Divider (USEFDIV). This bit controls which resource the spread spectrum logic controls. See
section 5.5.8.2.
0 = APLL feedback divider
1 = fractional output divider
Bit 2: Enable Fractional Divider (ENFDIV). This bit is an enable/disable control for
the APLL’s fractional divider.
When the fractional divider is disabled, device power consumption is reduced as shown in Table 6. The fractional
divider is enabled when PLLEN.APLLEN=1, ENFDIV=1 and ACR1.BYPASS=0.
0 = Disable
1 = Enable
Bit 1: Bypass APLL and Fractional Divider (BYPASS). This bit controls selection
between the APLL’s fractional
divider and the APLL’s bypass path as shown in Figure 1. The mux that provides the bypass signal to this mux is
controlled by APLLMUX and related fields in ACR3.
0 = No bypass
1 = Bypass
Bit 0: APLL Input Doubler Enable (INDBL). This bit enables a simple clock doubler at the input to the APLL. This
feature allows signals from IC1, IC2 or IC3 to be doubled which often can result in lower output jitter. See section
5.3.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com