Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX78615+PPM/C01T Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX78615+PPM/C01T
Description  Isolated Energy Measurement Processor for Polyphase Monitoring Systems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX78615+PPM/C01T Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX78615+PPM/C01T Datasheet HTML 12Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 13Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 14Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 15Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 16Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 17Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 18Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 19Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Line Frequency
This output is a measurement of the fundamental fre-
quency of the AC voltage source. It is derived from a
composite signal and therefore applies to all three phases
(it is a single reading per device) and is updated every 64
line cycles. Frequency data is reported as binary fixed-
point number, with a range of 0 to +256Hz less one LSB
(format S.16). See Table 14.
Current Channel Measurements
Instantaneous current measurements are updated every
sample, while peak currents and RMS currents are updat-
ed every accumulation interval (n samples). See Table 15.
Note that the INEUTRAL and IPHASE settings in the
CONFIG register affect how the instantaneous and aver-
aged values are computed as described in the Current
Input Configuration section.
Peak Current
This output is a capture of the largest magnitude instanta-
neous current load sample. See Figure 8.
RMS Current
The MAX78615+PPM reports true RMS measurements
for current inputs. The RMS current is obtained by per-
forming the sum of the squares of the instantaneous
voltage samples over the accumulation interval and then
performing a square root of the result after dividing by the
number of samples in the interval. See Figure 9.
An optional “RMS offset” for the current channels can be
adjusted to reduce errors due to noise or system offsets
(crosstalk) exhibited at low input amplitudes. Full-scale
values in the IxRMS_OFFS registers are squared and
subtracted from the accumulated/divided squares. If the
resulting RMS value is negative, zero is used.
Table 14. Frequency Measurement Register
Table 15. Current Channels Register
REGISTER
DESCRIPTION
LSB
TIME SCALE
FREQ
AC Voltage Frequency
Hz/216
64 voltage line cycles
REGISTER
DESCRIPTION
LSB
TIME SCALE
IA
IB
IC
Instantaneous Current
FSI/223
1 sample
IA_PEAK
IB_PEAK
IC_PEAK
Peak Current
FSI/223
1 interval
IA_RMS
IB_RMS
IC_RMS
RMS Current
FSI/223
IT_RMS
Average of IA_RMS, IB_RMS, IC_RMS
FSI/223
Figure 8. Peak Current Value
Figure 9. True Current Input Value
INSTANTANEOUS
CURRENT (Ix)
ABS
MAX
MAXIMUM
Ix_PEAK
Ix
Ix2
Ix_RMS
÷ N
INSTANTANEOUS
CURRENT
N-1
∑
N=0
X
Ix2_SUM
—
IF |x|< 0
y = 0
x
y
IxRMS_OFF2
MAX78615+PPM
Isolated Energy Measurement Processor
for Polyphase Monitoring Systems
Maxim Integrated │ 16
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com