Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX78615+PPM/C01T Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX78615+PPM/C01T
Description  Isolated Energy Measurement Processor for Polyphase Monitoring Systems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX78615+PPM/C01T Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX78615+PPM/C01T Datasheet HTML 17Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 18Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 19Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 20Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 21Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 22Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 23Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 24Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Example: 1Watt-hr bucket with a MAX78700
In this example, the full scale is assumed to be set as
follows:
FSV = 667V; FSI = 62A
( )
Watthours Wh per count x
3600 sec / hr x SPS
BUCKET
FSV x FSI
=
In order to set the energy bucket to 1Wh:
1 x 3600 x 3174.6
BUCKET
276.3592
667 x 62
=
=
Therefore, the bucket register(s) value should be set as
follows:
BUCKET = BUCKETH + BUCKETL/224
BUCKETH = INT(BUCKET)
BUCKETL = (BUCKET - INT(BUCKET)) x 224
BUCKETH
= 276
= 0x000114
BUCKETL
= 0.3592
= 0x5BF722
Min/Max Tracking
The MAX78615+PPM provides a set of output registers
for tracking the minimum and/or maximum values of up
to eight (8) different low-rate measurement results over
multiple accumulation intervals. The user can select
which measurements to track through an address table.
The values in MM_ADDR# are word addresses for all
host interfaces and can be saved to flash memory by the
user as the register defaults. Results are stored in RAM
and cleared upon any power-down or reset and can be
cleared by the host using the RTRK bit in the COMMAND
register. See Table 22.
Table 21. BUCKET Register Bitmap
Table 22. Min/Max Tracking Function Registers
NAME
BUCKET
BUCKETH
BUCKETL
Description
High word
Low word
Bit Position
23
22
…
2
1
0
23
22
21
…
2
1
0
Value
223
222
…
22
21
20
2-1
2-2
2-3
…
2-22
2-23
2-24
REGISTER
DESCRIPTION
TIME SCALE
MM_ADDR0
Word addresses to track minimum and maximum values. A value of
zero disables tracking for that address slot.
—
MM_ADDR1
MM_ADDR2
MM_ADDR3
MM_ADDR4
MM_ADDR5
MM_ADDR6
MM_ADDR7
MIN0
Minimum low rate value at MM_ADDR#.
Multiple intervals
MIN1
MIN2
MIN3
MIN4
MIN5
MIN6
MIN7
MAX78615+PPM
Isolated Energy Measurement Processor
for Polyphase Monitoring Systems
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com