Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX78615+PPM/C01T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX78615+PPM/C01T
Description  Isolated Energy Measurement Processor for Polyphase Monitoring Systems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX78615+PPM/C01T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX78615+PPM/C01T Datasheet HTML 1Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 2Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 3Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 4Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 5Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 6Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 7Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 8Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
PIN
NAME
FUNCTION
1, 10
GND
Ground
2
IFC0/MP8
IFC0 (Interface Selection)
3
MP7
Multipurpose DIO
4
AD1/MP6
Multipurpose DIO/Address
5
SSB/MP5/SCL
Slave Select (SPI)/MP5/I2C Serial Clock
6
MP4
Multipurpose DIO
7, 18
VDD
3.3V DC Supply
8
XIN
Crystal Oscillator Input
9
XOUT
Crystal Oscillator Output
10
GND
Ground
11
COMP2
Comparator 2 Input (Not Used/Reserved), No Connection
12
COMP1
Comparator 1 Input (Not Used/Reserved), No Connection
13
SDO/TX/SDAO
SPI Data Out/UART Tx/I2C Data Out
14
SDI/RX/SDAI
SPI Data In/UART Rx/I2C Data In
CH1N
CH3P
CH3N
GND
XOUT
XIN
VDD
CH1P
COMP2
CH2N
COMP1
CH2P
TQFN
TOP VIEW
+
13
14
15
16
17
18
12
11
10
9
8
7
19
20
21
22
23
24
6
5
4
3
2
1
MAX78615+PPM
EP
MAX78615+PPM
Isolated Energy Measurement Processor
for Polyphase Monitoring Systems
www.maximintegrated.com
Maxim Integrated │ 5
Pin Configuration
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com