Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX78615+PPM/C01T Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX78615+PPM/C01T
Description  Isolated Energy Measurement Processor for Polyphase Monitoring Systems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX78615+PPM/C01T Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX78615+PPM/C01T Datasheet HTML 35Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 36Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 37Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 38Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 39Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 40Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 41Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 42Page - Maxim Integrated Products MAX78615+PPM/C01T Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Failure to decode a host packet will cause the selected
target to send a fail code (0xB0–0xBF) acknowledgement
depending on mode of failure. Masters wishing to simplify
could accept any unimplemented fail code as a Negative
Acknowledge.
If no target is selected or the condition of a received
packet is uncertain, no reply is sent. Timeouts can also
occur when data is corrupt or no target is selected. The
master should implement the appropriate timeout control
logic after approximately 50 byte times at the current baud
rate. When a first reply byte is received, the master should
check to see if it is an SSI header or an Acknowledge.
If so, the timeout timer is reset, and each subsequent
receive byte will also reset the timer. If no byte is received
within the timeout interval, the master can expect the
slave timed out and re-send a new command.
SPI Interface
The Maxim device operates as an SPI slave. The host
is expected to instigate and control all transactions. The
signals used for SPI communication are defined as:
●
SSB : (also known as CSB) the device SPI chip/
slave select signal (active low)
●
SCK : the clocking signal that clocks MISO and
MOSI (data)
●
SDI : (also known as MOSI) the data shifted into the
measurement device
●
SDO : (also known as MISO) the data shifted out of
the measurement device
In Maxim embedded-measurement devices, these sig-
nals may have alternate functionality depending upon the
device mode and/or firmware.
SPI Mode
The device operates as a slave in mode 3 (CPOL = 1,
CPHA == 1) and as such the data is captured on the rising
edge and propagated on the falling edge of the serial data
clock (SCK). Figure 19 shows a single-byte transaction
on the SPI bus. Bytes are transmitted/received MSB first.
Table 45. SSI Responses
REPLY CODE
DEFINITION
0xAA
Acknowledge with data
0xAB
Acknowledge with data (half duplex)
0xAD
Acknowledge without data.
0xB0
Negative Acknowledge (NACK).
0xBC
Command not implemented.
0xBD
Checksum failed.
0xBF
Buffer overflow (or packet too long).
- timeout -
Any condition too difficult to handle with a
reply.
Figure 19. Signal Timing on the SPI Bus
SCK
MSB
6
5
4
3
2
1
MSB
6
5
4
3
2
1
LS
B
SDI
SDO
LS
B
SSB
MAX78615+PPM
Isolated Energy Measurement Processor
for Polyphase Monitoring Systems
www.maximintegrated.com
Maxim Integrated │ 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com