Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F082ASH020SC Datasheet(PDF) 128 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 128 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 124Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 125Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 126Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 127Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 128Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 129Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 130Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 131Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 132Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Analog-to-Digital Converter
Z8 Encore! XP® F08xA Series
Product Specification
110
put values across the entire 11-bit range, from -1024 to +1023. In SINGLE-ENDED mode,
the output generally ranges from 0 to +1023, but offset errors can cause small negative
values.
The ADC registers return 13 bits of data, but the two LSBs are intended for compensation
use only. When the compensation routine is performed on the 13 bit raw ADC value, two
bits of resolution are lost because of a rounding error. As a result, the final value is an 11-
bit number.
Automatic Powerdown
If the ADC is idle (no conversions in progress) for 160 consecutive system clock cycles,
portions of the ADC are automatically powered down. From this powerdown state, the
ADC requires 40 system clock cycles to powerup. The ADC powers up when a conversion
is requested by the ADC Control register.
Single-Shot Conversion
When configured for single-shot conversion, the ADC performs a single analog-to-digital
conversion on the selected analog input channel. After completion of the conversion, the
ADC shuts down. The steps for setting up the ADC and initiating a single-shot conversion
are as follows:
1. Enable the acceptable analog inputs by configuring the general-purpose I/O pins for
alternate function. This configuration disables the digital input and output drivers.
2. Write the ADC High Threshold Register and ADC Low Threshold Register if the alarm
function is required.
3. Write the ADC Control/Status Register 1 to configure the ADC
–
Write to BUFMODE[2:0] to select SINGLE-ENDED or DIFFERENTIAL mode,
as well as unbuffered, buffered, 20x buffered gain (in DIFFERENTIAL mode
only) or TRANSIMPEDANCE mode
–
If the alarm function is required, set ALMHEN and/or ALMLEN
–
Write the REFSELH bit of the pair {REFSELH, REFSELL} to select the internal
voltage reference level or to disable the internal reference. The REFSELH bit is
contained in the ADC Control/Status Register 1.
4. Write to the ADC Control Register 0 to configure the ADC and begin the conversion.
The bit fields in the ADC Control register can be written simultaneously:
–
Write to the ANAIN[3:0] field to select from the available analog input sources
(different input pins available depending on the device)
–
Clear CONT to 0 to select a single-shot conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com